전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S312XDP512F0MPVR 데이터시트(PDF) 274 Page - Freescale Semiconductor, Inc

부품명 S312XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR 데이터시트(HTML) 274 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 270Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 271Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 272Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 273Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 274Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 275Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 276Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 277Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 278Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
274
Freescale Semiconductor
Operation
RS1 - RS2 - C
⇒ RD
Subtracts the content of register RS2 and the value of the Carry bit from the content of register RS1 using
binary subtraction and stores the result in the destination register RD. Also the zero flag is carried forward
from the previous operation allowing 32 and more bit subtractions.
Example:
SUB
R6,R4,R2
SBC
R7,R5,R3
; R7:R6 = R5:R4 - R3:R2
BCC
; conditional branch on 32 bit subtraction
CCR Effects
Code and CPU Cycles
SBC
Subtract with Carry
SBC
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000 and Z was set before this operation; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RS1[15] & RS2[15] & RD[15]new | RS1[15] & RS2[15] & RD[15]new
C:
Set if there is a carry from bit 15 of the result; cleared otherwise.
RS1[15] & RS2[15] | RS1[15] & RD[15]new | RS2[15] & RD[15]new
Source Form
Address
Mode
Machine Code
Cycles
SBC RD, RS1, RS2
TRI
0
0
0
1
1
RD
RS1
RS2
0
1
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More