전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S312XDP512F0MPVR 데이터시트(PDF) 285 Page - Freescale Semiconductor, Inc

부품명 S312XDP512F0MPVR
상세설명  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR 데이터시트(HTML) 285 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 281Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 282Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 283Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 284Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 285Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 286Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 287Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 288Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 289Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
285
Operation
~(RS1 ^ RS2)
⇒ RD
~(RD ^ IMM16)
⇒ RD
(translates to XNOR RD, #IMM16{15:8]; XNOR RD, #IMM16[7:0])
Performs a bit wise logical exclusive NOR between two 16 bit values and stores the result in the destination
register RD.
Remark: Using R0 as a source registers will calculate the one’s complement of the other source register.
Using R0 as both source operands will fill RD with $FFFF.
CCR Effects
Code and CPU Cycles
XNOR
Logical Exclusive NOR
XNOR
NZ
V
C
∆∆
0—
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
Refer to XNORH instruction for #IMM16 operations.
V:
0; cleared.
C:
Not affected.
Source Form
Address
Mode
Machine Code
Cycles
XNOR RD, RS1, RS2
TRI
0
0
0
1
0
RD
RS1
RS2
1
1
P
XNOR RD, #IMM16
IMM8
1
0
1
1
0
RD
IMM16[7:0]
P
IMM8
1
0
1
1
1
RD
IMM16[15:8]
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More