| 전자부품 데이터시트 검색엔진 |
|
S312XDP512F0MPVR 데이터시트(PDF) 813 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S312XDP512F0MPVR 데이터시트(HTML) 813 Page - Freescale Semiconductor, Inc |
|
813 / 1350 page ![]() Chapter 22 DP512 Port Integration Module (S12XDP512PIMV2) MC9S12XDP512 Data Sheet, Rev. 2.17 Freescale Semiconductor 813 M PM7 TXCAN3 O MSCAN3 transmit pin GPIO TXCAN4 O MSCAN4 transmit pin TXD3 O Serial Communication Interface 3 transmit pin GPIO I/O General-purpose I/O PM6 RXCAN3 I MSCAN3 receive pin RXCAN4 I MSCAN4 receive pin RXD3 I Serial Communication Interface 3 receive pin GPIO I/O General-purpose I/O PM5 TXCAN2 O MSCAN2 transmit pin TXCAN0 O MSCAN0 transmit pin TXCAN4 O MSCAN4 transmit pin SCK0 I/O Serial Peripheral Interface 0 serial clock pin If CAN0 is routed to PM[3:2] the SPI0 can still be used in bidirectional master mode. GPIO I/O General-purpose I/O PM4 RXCAN2 I MSCAN2 receive pin RXCAN0 I MSCAN0 receive pin RXCAN4 I MSCAN4 receive pin MOSI0 I/O Serial Peripheral Interface 0 master out/slave in pin If CAN0 is routed to PM[3:2] the SPI0 can still be used in bidirectional master mode. GPIO I/O General-purpose I/O PM3 TXCAN1 O MSCAN1 transmit pin TXCAN0 O MSCAN0 transmit pin SS0 I/O Serial Peripheral Interface 0 slave select output in master mode, input for slave mode or master mode. GPIO I/O General-purpose I/O PM2 RXCAN1 I MSCAN1 receive pin RXCAN0 I MSCAN0 receive pin MISO0 I/O Serial Peripheral Interface 0 master in/slave out pin GPIO I/O General-purpose I/O PM1 TXCAN0 O MSCAN0 transmit pin GPIO I/O General-purpose I/O PM0 RXCAN0 I MSCAN0 receive pin GPIO I/O General-purpose I/O Table 22-1. Pin Functions and Priorities (Sheet 4 of 7) Port Pin Name Pin Function and Priority I/O Description Pin Function after Reset |