| 전자부품 데이터시트 검색엔진 |
|
PIC16F84A-04/PROM 데이터시트(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F84A-04/PROM 데이터시트(HTML) 8 Page - Microchip Technology |
|
8 / 88 page ![]() PIC16F84A DS35007B-page 6 © 2001 Microchip Technology Inc. 2.2 Data Memory Organization The data memory is partitioned into two areas. The first is the Special Function Registers (SFR) area, while the second is the General Purpose Registers (GPR) area. The SFRs control the operation of the device. Portions of data memory are banked. This is for both the SFR area and the GPR area. The GPR area is banked to allow greater than 116 bytes of general purpose RAM. The banked areas of the SFR are for the registers that control the peripheral functions. Banking requires the use of control bits for bank selection. These control bits are located in the STATUS Register. Figure 2-2 shows the data memory map organization. Instructions MOVWF and MOVF can move values from the W register to any location in the register file (“F”), and vice-versa. The entire data memory can be accessed either directly using the absolute address of each register file or indirectly through the File Select Register (FSR) (Section 2.5). Indirect addressing uses the present value of the RP0 bit for access into the banked areas of data memory. Data memory is partitioned into two banks which contain the general purpose registers and the special function registers. Bank 0 is selected by clearing the RP0 bit (STATUS<5>). Setting the RP0 bit selects Bank 1. Each Bank extends up to 7Fh (128 bytes). The first twelve locations of each Bank are reserved for the Special Function Registers. The remainder are Gen- eral Purpose Registers, implemented as static RAM. 2.2.1 GENERAL PURPOSE REGISTER FILE Each General Purpose Register (GPR) is 8-bits wide and is accessed either directly or indirectly through the FSR (Section 2.5). The GPR addresses in Bank 1 are mapped to addresses in Bank 0. As an example, addressing loca- tion 0Ch or 8Ch will access the same GPR. FIGURE 2-2: REGISTER FILE MAP - PIC16F84A File Address 00h 01h 02h 03h 04h 05h 06h 07h 08h 09h 0Ah 0Bh 0Ch 7Fh 80h 81h 82h 83h 84h 85h 86h 87h 88h 89h 8Ah 8Bh 8Ch FFh Bank 0 Bank 1 Indirect addr.(1) Indirect addr.(1) TMR0 OPTION_REG PCL STATUS FSR PORTA PORTB EEDATA EEADR PCLATH INTCON 68 General Purpose Registers (SRAM) PCL STATUS FSR TRISA TRISB EECON1 EECON2(1) PCLATH INTCON Mapped in Bank 0 Unimplemented data memory location, read as ’0’. File Address Note 1: Not a physical register. CFh D0h 4Fh 50h (accesses) — — |