| 전자부품 데이터시트 검색엔진 |
|
SC912XDP512F0CAL 데이터시트(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SC912XDP512F0CAL 데이터시트(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 1350 page ![]() Chapter 1 Device Overview MC9S12XD-Family MC9S12XDP512 Data Sheet, Rev. 2.17 40 Freescale Semiconductor Table 1-2. Device Internal Resources (see Figure 1-3) Device RAMSIZE/ RAM_LOW EEPROMSIZE/ EEPROM_LOW FLASHSIZE/ FLASH_LOW 9S12XDP512 32K 0x0F_8000 4K 0x13_F000 512K 0x78_0000 9S12XDT512 20K 0x0F_B000 4K 0x13_F000 512K 0x78_0000 9S12XA512 32K 0x0F_8000 4K 0x13_F000 512K 0x78_0000 9S12XDG128 12K 0x0F_D000 2K 0x13_F800 128K 7E_0000 3S12XDG128 12K 0x0F_D000 2K 0x13_F800 128K 7E_0000 9S12XD128 8K 0x0F_E000 2K 0x13_F800 128K 7E_0000 9S12XD64 4K 0x0F_F000 1K 0x13_FC00 64K 7F_0000 9S12XB128 6K 0x0F_E800 1K 0x13_FC00 128K 7E_0000 9S12XA128 12K 0x0F_D000 2K 0x13_F800 128K 7E_0000 |