전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LGG2G331MELC25 데이터시트(PDF) 3 Page - Nichicon corporation

부품명 LGG2G331MELC25
상세설명  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NICHICON [Nichicon corporation]
홈페이지  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LGG2G331MELC25 데이터시트(HTML) 3 Page - Nichicon corporation

  LGG2G331MELC25 Datasheet HTML 1Page - Nichicon corporation LGG2G331MELC25 Datasheet HTML 2Page - Nichicon corporation LGG2G331MELC25 Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
GG
series
390
470
560
680
820
1000
1200
1500
1800
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 45
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
1200
1200
1300
1300
1400
1500
1400
1500
1700
1700
2000
2000
2000
2200
2200
2000
2300
2200
2300
2300
2500
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.93
0.93
1.02
1.02
1.12
1.12
1.12
1.23
1.23
1.23
1.35
1.35
1.35
1.50
1.50
1.50
1.64
1.64
1.83
1.83
2.01
LGG2E391MELZ30
LGG2E391MELA25
LGG2E471MELZ35
LGG2E471MELA30
LGG2E561MELZ40
LGG2E561MELA35
LGG2E561MELB25
LGG2E681MELZ45
LGG2E681MELA40
LGG2E681MELB30
LGG2E821MELA45
LGG2E821MELB35
LGG2E821MELC30
LGG2E102MELA50
LGG2E102MELB40
LGG2E102MELC30
LGG2E122MELB45
LGG2E122MELC35
LGG2E152MELB50
LGG2E152MELC40
LGG2E182MELC45
250V (2E)
120
180
220
270
330
390
470
560
680
820
1000
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
35
× 25
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
30
× 50
35
× 40
35
× 45
35
× 50
680
730
730
850
850
1000
1000
1000
1150
1150
1150
1150
1400
1400
1550
1550
1550
1550
1630
1630
1800
1800
2000
2140
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.65
0.80
0.80
0.88
0.88
0.98
0.98
0.98
1.08
1.08
1.08
1.08
1.18
1.18
1.18
1.30
1.30
1.30
1.41
1.41
1.56
1.56
1.71
1.89
LGG2G121MELZ25
LGG2G181MELZ30
LGG2G181MELA25
LGG2G221MELZ35
LGG2G221MELA30
LGG2G271MELZ40
LGG2G271MELA35
LGG2G271MELB25
LGG2G331MELZ50
LGG2G331MELA40
LGG2G331MELB30
LGG2G331MELC25
LGG2G391MELA45
LGG2G391MELB35
LGG2G391MELC30
LGG2G471MELA50
LGG2G471MELB40
LGG2G471MELC30
LGG2G561MELB45
LGG2G561MELC35
LGG2G681MELB50
LGG2G681MELC40
LGG2G821MELC45
LGG2G102MELC50
400V (2G)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
120
150
180
220
270
330
390
470
560
680
22
× 30
22
× 35
25
× 25
22
× 35
25
× 30
22
× 40
25
× 35
30
× 25
22
× 50
25
× 40
30
× 30
25
× 45
30
× 35
35
× 30
25
× 50
30
× 40
35
× 30
30
× 45
35
× 35
35
× 40
35
× 45
810
840
820
850
910
950
1050
950
1150
1250
1250
1350
1420
1420
1450
1610
1450
1860
1700
1900
2050
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.67
0.75
0.75
0.82
0.82
0.91
0.91
0.91
1.01
1.01
1.01
1.11
1.11
1.11
1.21
1.21
1.21
1.33
1.33
1.45
1.60
LGGW6121MELZ30
LGGW6151MELZ35
LGGW6151MELA25
LGGW6181MELZ35
LGGW6181MELA30
LGGW6221MELZ40
LGGW6221MELA35
LGGW6221MELB25
LGGW6271MELZ50
LGGW6271MELA40
LGGW6271MELB30
LGGW6331MELA45
LGGW6331MELB35
LGGW6331MELC30
LGGW6391MELA50
LGGW6391MELB40
LGGW6391MELC30
LGGW6471MELB45
LGGW6471MELC35
LGGW6561MELC40
LGGW6681MELC45
420V (W6)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated Ripple (mArms) at 105°C 120Hz
Frequency coefficient of rated ripple current
Coeff.
Frequency (Hz)
160 ~ 250V
400 ~ 450V
50
0.81
0.77
60
0.85
0.82
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k~
1.50
1.43
Coeff.
Frequency (Hz)
400 ~ 450V
50
0.81
0.77
60
0.85
0.82
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k~
1.50
1.43
100
120
150
180
220
270
330
390
470
560
680
22
× 25
22
× 30
25
× 25
22
× 35
25
× 30
22
× 40
25
× 30
22
× 45
25
× 35
30
× 30
22
× 50
25
× 40
30
× 30
35
× 25
25
× 50
30
× 35
35
× 30
30
× 40
35
× 35
30
× 45
35
× 40
35
× 45
35
× 50
640
690
690
720
790
790
790
870
870
790
1050
1050
1050
1050
1200
1200
1200
1380
1380
1550
1550
1700
1910
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.63
0.69
0.69
0.77
0.77
0.85
0.85
0.94
0.94
0.94
1.04
1.04
1.04
1.04
1.15
1.15
1.15
1.25
1.25
1.37
1.37
1.50
1.65
LGG2W101MELZ25
LGG2W121MELZ30
LGG2W121MELA25
LGG2W151MELZ35
LGG2W151MELA30
LGG2W181MELZ40
LGG2W181MELA30
LGG2W221MELZ45
LGG2W221MELA35
LGG2W221MELB30
LGG2W271MELZ50
LGG2W271MELA40
LGG2W271MELB30
LGG2W271MELC25
LGG2W331MELA50
LGG2W331MELB35
LGG2W331MELC30
LGG2W391MELB40
LGG2W391MELC35
LGG2W471MELB45
LGG2W471MELC40
LGG2W561MELC45
LGG2W681MELC50
450V (2W)
Rated
ripple
(mA)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com