| 전자부품 데이터시트 검색엔진 |
|
STSW-SILKT01 데이터시트(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSW-SILKT01 데이터시트(HTML) 15 Page - STMicroelectronics |
|
15 / 31 page ![]() Figure 17. STEVAL-SILKTA01 circuit schematic (17 of 21) VDD_IN VDD_ISO OUT1 IN1_ISO IN1 OUT1_ISO GND GND_ISO VDD_IN VDD_ISO OUT2 IN2_ISO IN2 OUT2_ISO GND GND_ISO VDD_IN VDD_ISO OUT3 IN3_ISO IN3 OUT3_ISO GND GND_ISO VDD_IN VDD_ISO OUT4 IN4_ISO IN4 OUT4_ISO GND GND_ISO VDD_IN VDD_ISO OUT5 IN5_ISO IN5 OUT5_ISO GND GND_ISO U24 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U22 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U25 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U26 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U23 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 Figure 18. STEVAL-SILKTA01 circuit schematic (18 of 21) VDD_IN VDD_ISO OUT1 IN1_ISO IN1 OUT1_ISO GND GND_ISO VDD_IN VDD_ISO OUT2 IN2_ISO IN2 OUT2_ISO GND GND_ISO VDD_IN VDD_ISO OUT3 IN3_ISO IN3 OUT3_ISO GND GND_ISO VDD_IN VDD_ISO OUT4 IN4_ISO IN4 OUT4_ISO GND GND_ISO VDD_IN VDD_ISO OUT5 IN5_ISO IN5 OUT5_ISO GND GND_ISO U29 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U27 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U30 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U31 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 U28 STISO621WTR VDD1 1 RX1 2 GND1 4 TX1 3 GND2 5 RX2 6 TX2 7 VDD2 8 |