전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8412ARM-EVALZ 데이터시트(PDF) 18 Page - Analog Devices

부품명 AD8412ARM-EVALZ
상세설명  −2V to 50V Wide Input Voltage Range, 1.8MHz High Bandwidth, Current-Sense Amplifier with PWM Rejection and Gain 10V/V
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8412ARM-EVALZ 데이터시트(HTML) 18 Page - Analog Devices

Back Button AD8412ARM-EVALZ Datasheet HTML 14Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 15Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 16Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 17Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 18Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 19Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 20Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 21Page - Analog Devices AD8412ARM-EVALZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Data Sheet
AD8412A
analog.com
Rev. 0
18 of 32
connection, measuring on the top pad, there is about a 22.8% error. Therefore, it is better to use a Kelvin connection
when using a low-value RSHUNT to obtain more accurate current-sense measurements.
Figure 49. Sample RSHUNT Layout Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32