| 전자부품 데이터시트 검색엔진 |
|
STE2004SDIE2 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STE2004SDIE2 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 79 page ![]() ID-number STE2004S 56/79 Figure 59. Host processor interconnection with I2C interface Figure 60. Host processor interconnection with 4-line SPI interface VDD1 / VSSAUX VDD1 / VSSAUX DIGITAL VDD STE2004S µP D/C CS RES D0 D1 D2 D3 D4 D5 D6 D7 VSSAUX VSSAUX E - WR R/W - RD VSENSE_SLAVE VDD1_AUX OSC_IN FR_IN SDIN-SDAIN SDOUT SDAOUT SCLK -SCL SA1 SEL2 SEL3 VSSAUX M/S SA0 SEL1 VSS TEST_MODE VDD1 VDD2 TEST VREF VSSAUX VDD1 ANALOG VDD LR0110 ICON VDD1 / VSSAUX VDD1 / VSSAUX EXT_SET DIGITAL VDD STE2004S µP D/C CS RES D0 D1 D2 D3 D4 D5 D6 D7 VSSAUX VSSAUX E - WR R/W - RD SDIN-SDAIN SDOUT SDAOUT SCLK-SCL SEL2 SEL3 SEL1 VSS TEST_MODE VDD1 VDD2 LR0111 VDD1 ANALOG VDD VSSAUX ICON VDD1 / VSSAUX VDD1 / VSSAUX VDD1 / VSSAUX VSENSE_SLAVE VDD1_AUX OSC_IN FR_IN SA1 VSSAUX M/S SA0 TEST VREF VDD1 VDD1 / VSSAUX EXT_SET |