전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS488IST 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 TS488IST
상세설명  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488IST 데이터시트(HTML) 3 Page - STMicroelectronics

  TS488IST Datasheet HTML 1Page - STMicroelectronics TS488IST Datasheet HTML 2Page - STMicroelectronics TS488IST Datasheet HTML 3Page - STMicroelectronics TS488IST Datasheet HTML 4Page - STMicroelectronics TS488IST Datasheet HTML 5Page - STMicroelectronics TS488IST Datasheet HTML 6Page - STMicroelectronics TS488IST Datasheet HTML 7Page - STMicroelectronics TS488IST Datasheet HTML 8Page - STMicroelectronics TS488IST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TS488-TS489
Typical application schematic
3/32
1
Typical application schematic
Figure 1.
Typical application for the TS488-TS489
Table 1.
Application component information
Component
Functional description
Rin1,2
Inverting input resistor that sets the closed loop gain in conjunction with Rfeed.
This resistor also forms a high pass filter with Cin (Fc = 1 / (2 x Pi x Rin x Cin)).
Cin1,2
Input coupling capacitor that blocks the DC voltage at the amplifier’s input terminal.
Rfeed1,2
Feedback resistor that sets the closed loop gain in conjunction with Rin.
AV= Closed Loop Gain= -Rfeed/Rin.
Cs
Supply output capacitor that provides power supply filtering.
Cb
Bypass capacitor that provides half supply filtering.
Cout1,2
Output coupling capacitor that blocks the DC voltage at the load input terminal.
This capacitor also forms a high pass with RL (Fc = 1 / (2 x Pi x RL x Cout)).
TS489=stdby
TS488=stdby



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32