| 전자부품 데이터시트 검색엔진 |
|
TL431CD 데이터시트(PDF) 2 Page - First Components International |
|
|
|||||||||||||||||||||||||||||
TL431CD 데이터시트(HTML) 2 Page - First Components International |
|
2 / 9 page ![]() TL431 Programmable Precision References Rating Symbol Value Unit MAXIMUM RATINGS (Full operating ambient temperature range applies unless otherwise noted.) Cathode to Anode Voltage V KA 37 V Cathode Current Range, Continuous I K -100 to +150 m A Reference Input Current Range, Continuous I ref -0.05 to +10 mA Operating Junction Temperature T J 150 oC Operating Ambient Temperature Range T A oC TL431I, TL431AI, TL431BI -40 to +85 TL431C, TL431AC, TL431BC 0 to +70 Storage Temperature Range T stg -65 to +150 oC Total Power Dissipation @ T A = 25 oCP D W Derate above T A = 25 oC Ambient Temperature T, S Suffix Packages 0.70 D Suffix Package 1.10 Total Power Dissipation @ T C = 25 oCP D W Derate above T A = 25 oC Case Temperature T, S Suffix Packages 1.5 D Suffix Package 3.0 THERMALCHARACTERISTICS Characteristic Symbol T, S Suffix D Suffix Unit Thermal Resistance, Junction to Ambient Rθ JA 178 114 oC/W Thermal Resistance, Junction to Case Rθ JC 83 41 oC/W RECOMMENDEDOPERATINGCONDITIONS Condition / Value Symbol M i n Max Unit Thermal Resistance, Junction to Ambient VΚ A Vref 3 6 V Thermal Resistance, Junction to Case I K 1.0 100 mA 9-2 |