전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P0300SCMCL 데이터시트(PDF) 39 Page - Littelfuse

부품명 P0300SCMCL
상세설명  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0300SCMCL 데이터시트(HTML) 39 Page - Littelfuse

Back Button P0300SCMCL Datasheet HTML 35Page - Littelfuse P0300SCMCL Datasheet HTML 36Page - Littelfuse P0300SCMCL Datasheet HTML 37Page - Littelfuse P0300SCMCL Datasheet HTML 38Page - Littelfuse P0300SCMCL Datasheet HTML 39Page - Littelfuse P0300SCMCL Datasheet HTML 40Page - Littelfuse P0300SCMCL Datasheet HTML 41Page - Littelfuse P0300SCMCL Datasheet HTML 42Page - Littelfuse P0300SCMCL Datasheet HTML 43Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
3DFNLQJ2SWLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 39
www.littelfuse.com
DO-214AA
Tape and reel packing options meet all specifications as set forth in EIA-481-1. Standard
reel pack quantity is 2500. Bulk pack quantity is 1000.
The following illustration shows the DO-214AA component orientation for P0641S, P0721S,
P0901S, P1101S, P1301S, P1701S:
The following illustration shows the modified DO-214 tape and reel:
3-lead
0.47
2
(
12.0)
0.36
(9.
2)
0.3
15
(8.0)
0.
157
(4.0)
0.49
(
12.4)
0.5
12 (13.0) Arbor
Hole Dia.
12.99
(330.0)
Dimensions are in inches
(and millimeters).
Direction of Feed
0.059 DIA
(
1.5)
Cover tape
Cathode
0.472
(12.0)
0.360
(9.2)
0.315
(8.0)
0.157
(4.0)
Pin 2
Anode
Cathode
Pin 1
Gate
Pin 3
Dimensions are in inches
(and millimeters).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52