| 전자부품 데이터시트 검색엔진 |
|
16VT210SS 데이터시트(PDF) 4 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
16VT210SS 데이터시트(HTML) 4 Page - Littelfuse |
|
4 / 5 page ![]() www.littelfuse.com ©2006 Littelfuse VT Series Specifications are subject to change without notice. Electronics Designers Guide POLYFUSE® Resettable PTCs Axial Leaded Strap Dimensions SLIT E B D1 D2 C A NOMINAL 0.5 x 4.0 (.02”x .15”) E B D1 D2 C A Figure 1 Figure 2 Figure 3 SLIT NOMINAL 0.5 x 4.0 (.02”x .15”) VT 210 Product Series Current Rating Lot Number (Contact Littelfuse for additional information) Littelfuse Trademark Marking Marking Marking VT 210 XXEF Product Series Current Rating Littelfuse Trademark Double Sided Marking Top Side Bottom Side E B D1 D2 A C E B D2 D1 C A Marking E B D1 D2 C A Marking E B D1 D2 C A Marking Figure 4 Figure 5 Figure 6 SLIT E B D1 D2 C A NOMINAL 0.5 x 4.0 (.02”x .15”) E B D1 D2 C A Figure 1 Figure 2 Figure 3 SLIT NOMINAL 0.5 x 4.0 (.02”x .15”) VT 210 Product Series Current Rating Lot Number (Contact Littelfuse for additional information) Littelfuse Trademark Marking Marking Marking VT 210 XXEF Product Series Current Rating Littelfuse Trademark Double Sided Marking Top Side Bottom Side E B D1 D2 A C E B D2 D1 C A Marking E B D1 D2 C A Marking E B D1 D2 C A Marking Figure 4 Figure 5 Figure 6 Part Number A B C D1 D2 E Figure Inches mm Inches mm Inches mm Inches mm Inches mm Inches mm Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max Min Max Min Max Min Max Min Max Min Max 16VT170 0.61 0.69 15.40 17.50 0.28 0.29 7.00 7.40 0.02 0.03 0.50 0.80 0.16 - 4.00 - 0.16 - 4.00 - 0.15 0.16 3.90 4.10 1 16VT170XS 0.82 0.90 20.90 22.90 0.19 0.21 4.90 5.30 0.02 0.03 0.50 0.80 0.16 - 4.00 - 0.16 - 4.00 - 0.15 0.16 3.90 4.10 2 16VT175 0.82 0.87 20.90 22.20 0.14 0.15 3.50 3.80 0.02 0.03 0.50 0.70 0.16 - 4.00 - 0.16 - 4.00 - 0.11 0.12 2.90 3.10 1 16VT175S 0.82 0.87 20.90 22.20 0.14 0.15 3.50 3.80 0.02 0.03 0.50 0.70 0.16 - 4.00 - 0.16 - 4.00 - 0.11 0.12 2.90 3.10 2 16VT175L 1.02 1.10 26.00 28.00 0.14 0.15 3.50 3.80 0.02 0.03 0.50 0.80 0.24 - 6.00 - 0.24 - 6.00 - 0.11 0.12 2.90 3.10 1 16VT175XL 1.00 1.11 25.50 28.20 0.14 0.15 3.50 3.90 0.02 0.03 0.50 0.80 0.34 0.41 8.70 10.30 0.22 0.29 5.70 7.30 0.09 0.10 2.40 2.60 4 16VT175EL 1.53 1.62 38.80 41.20 0.14 0.15 3.50 3.90 0.02 0.03 0.60 0.80 0.74 0.80 18.70 20.30 0.34 0.41 8.70 10.30 0.09 0.10 2.40 2.60 6 16VT175NEL 1.53 1.62 38.80 41.20 0.11 0.13 2.90 3.30 0.02 0.03 0.60 0.80 0.79 0.87 20.00 22.00 0.20 0.27 5.20 6.80 0.09 0.10 2.40 2.60 6 16VT200 0.82 0.91 20.90 23.10 0.15 0.17 3.80 4.30 0.02 0.03 0.60 0.70 0.16 - 4.00 - 0.16 - 4.00 - 0.11 0.12 2.90 3.10 1 16VT200S 0.82 0.91 20.90 23.10 0.15 0.17 3.80 4.30 0.02 0.03 0.60 0.70 0.16 - 4.00 - 0.16 - 4.00 - 0.11 0.12 2.90 3.10 2 16VT200UL 1.42 1.54 36.00 39.00 0.16 0.17 4.10 4.30 0.02 0.03 0.50 0.80 0.15 0.21 3.90 5.30 0.78 0.85 19.70 21.50 0.11 0.12 2.90 3.10 4 16VT210 0.82 0.91 20.90 23.10 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.16 - 4.10 - 0.16 - 4.10 - 0.15 0.16 3.90 4.10 1 16VT210S 0.82 0.91 20.90 23.10 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.16 0.23 4.10 5.80 0.16 0.23 4.10 5.80 0.15 0.16 3.90 4.10 2 16VT210SS 0.82 0.91 20.90 23.10 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.16 - 4.10 - 0.16 - 4.10 - 0.15 0.16 3.90 4.10 3 16VT210L 0.94 1.02 24.00 26.00 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.20 - 5.00 - 0.20 - 5.00 - 0.15 0.16 3.90 4.10 1 16VT210NL 2.78 2.81 70.50 71.50 0.15 0.17 3.80 4.30 0.02 0.03 0.60 0.80 0.98 - 25.00 - 0.98 - 25.00 - 0.11 0.12 2.90 3.10 5 16VT210UL 2.78 2.81 70.50 71.50 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 1.12 - 28.50 - 1.12 - 28.50 - 0.15 0.16 3.90 4.10 5 16VT240 0.95 1.03 24.20 26.20 0.19 0.21 4.90 5.30 0.02 0.03 0.60 0.80 0.20 - 5.00 - 0.20 - 5.00 - 0.15 0.16 3.90 4.10 1 |