| 전자부품 데이터시트 검색엔진 |
|
P2000SCL 데이터시트(PDF) 6 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
P2000SCL 데이터시트(HTML) 6 Page - Littelfuse |
|
6 / 52 page ![]() www.littelfuse.com 9 - 6 © 2006 Littelfuse, Inc. • Telecom Design Guide *DV3ODVPD$UUHVWHUV³3DFNDJH'LPHQVLRQV6SHFLILFDWLRQV SL1024A and SL1024BSeries The SL1024A series device and the SL1024B series device weigh 2.7 grams (0.095 ounces). Body material is ceramic. The electrode base is made of nickel iron alloy, and the electrode plating material is bright Sn. Each device is marked with an LF logo, voltage, and date code in red. 0.4 1 ±0.019 ( 10.5 ±0.5) Dimensions are in inches (and millimeters). 0.3 15 ±0.01 (8 ±0.3) Standard Core (C) 0.4 1 ±0.019 ( 10.5 ±0.5) 0.3 15 ±0.01 (8 ±0.3) 4.4 Leg Pitch (R) ø 0.039 ( 1.0) 0. 173 (4.4) 0. 173 (4.4) 0. 276 (7.0) TYP 0.4 1 ±0.019 ( 10.5 ±0.5) 0.3 15 ±0.01 (8 ±0.3) With Wrap Failsafe (RF/RS) ø 0.039 ( 1.0) 0. 173 (4.4) 0. 173 (4.4) 0.374 MAX (9.5 MAX) 0.3 15 ±0.008 (8 ±0. 2) ø 0.039 ±0.008 ( 1.0 ±0.2) 0. 276 (7.0) TYP |