전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P3100SCMCL 데이터시트(PDF) 4 Page - Littelfuse

부품명 P3100SCMCL
상세설명  gas plasma arresters-package dimensions/specifications
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3100SCMCL 데이터시트(HTML) 4 Page - Littelfuse

  P3100SCMCL Datasheet HTML 1Page - Littelfuse P3100SCMCL Datasheet HTML 2Page - Littelfuse P3100SCMCL Datasheet HTML 3Page - Littelfuse P3100SCMCL Datasheet HTML 4Page - Littelfuse P3100SCMCL Datasheet HTML 5Page - Littelfuse P3100SCMCL Datasheet HTML 6Page - Littelfuse P3100SCMCL Datasheet HTML 7Page - Littelfuse P3100SCMCL Datasheet HTML 8Page - Littelfuse P3100SCMCL Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
www.littelfuse.com
9 - 4
© 2006 Littelfuse, Inc. • Telecom Design Guide
*DV3ODVPD$UUHVWHUV³3DFNDJH'LPHQVLRQV6SHFLILFDWLRQV
SL1002A Series
The SL1002A series device weighs 0.63 grams (0.022 ounces). Body material is ceramic.
The electrode base is made of nickel iron alloy, and the electrode plating material is
bright Sn. Each device is marked with an LF logo, voltage, and date code.
SL1003A Series
The SL1003A series device weighs 1.5 grams (0.083 ounces). Body material is ceramic.
The electrode base is made of nickel iron alloy, and the electrode plating material is
bright Sn. Each device is marked with an LF logo, voltage, and date code.
0.
165 ±0.007
(4.
2 ±0.2)
Dimensions are in inches
(and millimeters).
SL1002AxxxC
0.
236 ±0.007
(O6.0 ±0.
2)
0.03
1 (0.8)
SL1002AxxxSM
0.
244 ±0.004
(6.
2 ±0.1)
0.
169 ±0.019
(4.3 ±0.3)
0.
240 ±0.004
(6.
1 ±0.1)
SL
1002AxxxSM
Recommended
Pad Size
GDT Showing
Seating Plane
for SL
1002AxxxSM
0.
244 ±0.004
(6.
2 ±0.1)
0.
138 (3.5)
0.05
1 (1.3)
0.
197 (5.0)
SL1003AxxxC
SL1003AxxxR
Dimensions are in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52