전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADS1178IPAPR 데이터시트(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
부품명 ADS1178IPAPR
상세설명  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

ADS1178IPAPR 데이터시트(HTML) 17 Page - Texas Instruments

Back Button ADS1178IPAPR Datasheet HTML 13Page - Texas Instruments ADS1178IPAPR Datasheet HTML 14Page - Texas Instruments ADS1178IPAPR Datasheet HTML 15Page - Texas Instruments ADS1178IPAPR Datasheet HTML 16Page - Texas Instruments ADS1178IPAPR Datasheet HTML 17Page - Texas Instruments ADS1178IPAPR Datasheet HTML 18Page - Texas Instruments ADS1178IPAPR Datasheet HTML 19Page - Texas Instruments ADS1178IPAPR Datasheet HTML 20Page - Texas Instruments ADS1178IPAPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
www.ti.com
POWER-DOWN (PWDN)
NOTE:(1)InSPIprotocol,thetimingoccursonthefallingedgeof
/FSYNC.Poweringdownallchannelsforces
/FSYNChigh.
DRDY
DRDY
CLK
DRDY/FSYNC
(1)
DOUT
(DiscreteDataOutputMode)
· · ·
· · ·
PWDN
t
NDR
t
PDWN
P
-UpData
ostPower
DOUT1
(TDMMode,DynamicPosition)
NormalPosition
NormalPosition
DataShiftPosition
NormalPosition
NormalPosition
DataRemaininPosition
DOUT1
(TDMMode,FixedPosition)
ADS1174
ADS1178
SBAS373 – OCTOBER 2007
2. Wait for 129/fDATA after taking the PWDN pins
The ADS1174/78 measurement channels can be
high.
independently powered down by use of the PWDN
inputs. To enter the power-down mode, take the
3. Detect for non-zero data in the powered-up
respective PWDN pin low. Power-down occurs after
channel.
two fCLK cycles have elapsed. This delay guards
After
powering-up
one
or
more
channels,
the
against false transitions caused by external noise. To
channels are synchronized to each other. It is not
exit power-down, return the corresponding PWDN pin
necessary to use the SYNC pin to synchronize them.
high. Note that when all channels are powered down,
the ADS1174/78 enters a microwatt (
μW) power state
When a channel is powered down in TDM data
where all internal biasing is powered-down. In this
format, the data for the powered-down channel will
event, the TEST[1:0] input pins must be driven; all
either be forced to zero (fixed-position TDM data
other input pins can float (the ADS1174/78 outputs
mode) or be replaced by shifting the data from the
remain driven).
next
channel
into
the
vacated
data
position
(dynamic-position TDM data mode).
As shown in Figure 15 and Table 10, a maximum of
129 conversion cycles must elapse before reading
In discrete data format, the data are always forced to
data
after
exiting
power-down.
The
data
from
zero.
When
powering-up
a
channel
in
channels already running are not affected. The user
dynamic-position TDM data format mode, the channel
software can perform the required delay time in the
data remain packed until the data are ready, at which
following ways:
time the data frame is expanded to include the
just-powered channel data. See the Data Format
1. Count the number of data conversions after
section for details.
taking the PWDN pin high.
Figure 15. Power-Down Timing
Table 10. Power-Down Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tPDWN
PDWN pulse width to enter Power-Down mode
2
CLK periods
Time for new data to be ready (SPI)
129
130
Conversions (1/fDATA)
tNDR
Time for new data to be ready (Frame-Sync)
128
129
Conversions (1/fDATA)
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com