전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XR-T7288 데이터시트(PDF) 21 Page - Exar Corporation

부품명 XR-T7288
상세설명  CEPT1 Line Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

XR-T7288 데이터시트(HTML) 21 Page - Exar Corporation

Back Button XR-T7288 Datasheet HTML 16Page - Exar Corporation XR-T7288 Datasheet HTML 17Page - Exar Corporation XR-T7288 Datasheet HTML 18Page - Exar Corporation XR-T7288 Datasheet HTML 19Page - Exar Corporation XR-T7288 Datasheet HTML 20Page - Exar Corporation XR-T7288 Datasheet HTML 21Page - Exar Corporation XR-T7288 Datasheet HTML 22Page - Exar Corporation XR-T7288 Datasheet HTML 23Page - Exar Corporation XR-T7288 Datasheet HTML 24Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
XR-T7288
21
Rev. 1.01
28 LEAD PLASTIC DUAL-IN-LINE
(300 MIL PDIP)
Rev. 1.00
SYMBOL
MIN
MAX
MIN
MAX
INCHES
A
0.145
0.210
3.68
5.33
A1
0.015
0.070
0.51
1.78
A2
0.115
0.195
2.92
4.95
B
0.014
0.024
0.36
0.56
B1
0.030
0.070
0.76
1.78
C
0.008
0.014
0.20
0.38
D
1.345
1.400
34.16
35.56
E
0.300
0.325
7.62
8.26
E1
0.265
0.310
7.11
7.49
e
0.100 BSC
2.54 BSC
eA
0.300 BSC
7.62 BSC
eB
0.310
0.430
7.87
10.92
L
0.115
0.150
2.92
3.81
α
0
°
15
°
0
°
15
°
MILLIMETERS
28
1
15
14
D
e
A1
E1
A
L
Seating
Plane
E
A2
α
B1
B
C
Note: The control dimension is the inch column
eB
eA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24