전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT2131 데이터시트(PDF) 1 Page - Microtune,Inc

부품명 MT2131
상세설명  RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROTUNE [Microtune,Inc]
홈페이지  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT2131 데이터시트(HTML) 1 Page - Microtune,Inc

  MT2131 Datasheet HTML 1Page - Microtune,Inc MT2131 Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M I C R O T U N E ®
RF SILICON AND SUBSYSTEMS SOLUTIONS
FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2131 SINGLE-CHIP
TERRESTRIAL TUNER
PRODUCT BRIEF
The MT2131 is a high-performance
single-chip tuner for ATSC and
Digital Cable-Ready ATSC television
receivers and set-top boxes.
The MicroTuner™ MT2131 is an
advanced single-chip terrestrial
tuner, optimized for integrated
digital televisions and ATSC set-top
boxes.
The MT2131 receives
frequencies in the 48 MHz to
1 GHz range and converts a
selected channel to a standard
intermediate frequency (IF)
between 30 MHz and 57 MHz.
The MT2131’s dual-conversion
architecture yields consistent ATSC
A/74 and FCC Digital Cable-Ready
(DCR) compliant performance
without any manual adjustments.
This is achieved via the
combination of Microtune’s
ClearTune technology and an
autonomous automatic gain control
(AGC).
The integrated LNA delivers
excellent sensitivity. The
innovative gain control and power
detector circuits provide superb
terrestrial performance.
The MT2131 has an on-chip
amplifier for Forward Data Channel
(FDC) applications to reduce the
total Bill of Materials (BOM) cost for
a DCR television receiver. It
supports multiple standards
including ATSC, QAM, and NTSC.
In addition, the MT2131 provides
excellent in-band flatness, as well
as consistent gain characteristics
across the complete reception
band for use in digital/analog
televisions, terrestrial set-top boxes
and high-performance PC-TV
applications.
APPLICATIONS
NTSC/ATSC front-ends
ATSC-only front-ends and
set-top boxes
Digital Cable-Ready (DCR)
ATSC integrated digital
televisions
ATSC PVRs
PC-TVs
DVD recorders
FEATURES
48 MHz to 1 GHz input
frequency range
Integrated front-end bandpass
filtering
Integrated RF power
detectors and closed-loop
AGC
Programmable RF AGC
Single-ended RF input
On-chip low-noise amplifier
provides excellent terrestrial
sensitivity
Integrated IF variable gain
amplifier for direct connection
to digital demodulators
Fully compatible with ATSC,
QAM, and NTSC performance
requirements.
Integrated FDC low-pass filter
and buffer amplifier
Capable of driving multiple
IF filters
Compatible with 3.3 V and
5 V serial bus
48 pin, 7 mm X 7 mm QFN
package
MT2131 Single-Chip Tuner


유사한 부품 번호 - MT2131

제조업체부품명데이터시트상세설명
logo
Microtune,Inc
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
logo
Marktech Corporate
MT2133-G MARKTECH-MT2133-G Datasheet
38Kb / 1P
Marktech Standard 10mm LEDs
More results

유사한 설명 - MT2131

제조업체부품명데이터시트상세설명
logo
Microtune,Inc
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1119 MICROTUNE-MT1119 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1120 MICROTUNE-MT1120 Datasheet
69Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1393ETC MICROTUNE-MT1393ETC Datasheet
219Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT1503EDC MICROTUNE-MT1503EDC Datasheet
157Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2022 MICROTUNE-MT2022 Datasheet
126Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2060 MICROTUNE-MT2060 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2064 MICROTUNE-MT2064 Datasheet
75Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2122 MICROTUNE-MT2122 Datasheet
87Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
MT2130 MICROTUNE-MT2130 Datasheet
83Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com