전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M41T256YMT7F 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M41T256YMT7F
상세설명  256Kbit (32K x 8) serial RTC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMT7F 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M41T256YMT7F Datasheet HTML 6Page - STMicroelectronics M41T256YMT7F Datasheet HTML 7Page - STMicroelectronics M41T256YMT7F Datasheet HTML 8Page - STMicroelectronics M41T256YMT7F Datasheet HTML 9Page - STMicroelectronics M41T256YMT7F Datasheet HTML 10Page - STMicroelectronics M41T256YMT7F Datasheet HTML 11Page - STMicroelectronics M41T256YMT7F Datasheet HTML 12Page - STMicroelectronics M41T256YMT7F Datasheet HTML 13Page - STMicroelectronics M41T256YMT7F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Operating modes
M41T256Y
10/30
2.1.2
Start data transfer
A change in the state of the data line, from high to low, while the clock is high, defines the
START condition.
2.1.3
Stop data transfer
A change in the state of the data line, from low to high, while the clock is high, defines the
STOP condition.
2.1.4
Data valid
The state of the data line represents valid data when after a start condition, the data line is
stable for the duration of the high period of the clock signal. The data on the line may be
changed during the Low period of the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a start condition and terminated with a stop condition.
The number of data bytes transferred between the start and stop conditions is not limited.
The information is transmitted byte-wide and each receiver acknowledges with a ninth bit.
By definition a device that gives out a message is called “transmitter,” the receiving device
that gets the message is called “receiver.” The device that controls the message is called
“master.” The devices that are controlled by the master are called “slaves.”
2.1.5
Acknowledge
Each byte of eight bits is followed by one acknowledge clock pulse. This acknowledge clock
pulse is a low level put on the bus by the receiver whereas the master generates an extra
acknowledge related clock pulse. A slave receiver which is addressed is obliged to generate
an acknowledge after the reception of each byte that has been clocked out of the slave
transmitter.
The device that acknowledges has to pull down the SDA line during the acknowledge clock
pulse in such a way that the SDA line is a stable Low during the High period of the
acknowledge related clock pulse. Of course, setup and hold times must be taken into
account. A master receiver must signal an end of data to the slave transmitter by not
generating an acknowledge on the last byte that has been clocked out of the slave. In this
case the transmitter must leave the data line High to enable the master to generate the
STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30