전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FS2VS-18A 데이터시트(PDF) 4 Page - Powerex Power Semiconductors

부품명 FS2VS-18A
상세설명  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWEREX [Powerex Power Semiconductors]
홈페이지  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS2VS-18A 데이터시트(HTML) 4 Page - Powerex Power Semiconductors

  FS2VS-18A Datasheet HTML 1Page - Powerex Power Semiconductors FS2VS-18A Datasheet HTML 2Page - Powerex Power Semiconductors FS2VS-18A Datasheet HTML 3Page - Powerex Power Semiconductors FS2VS-18A Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS2VS-18A
HIGH-SPEED SWITCHING USE
10–1
100
2
3
5
7
101
2
3
5
7
–50
0
50
100
150
VGS = 10V
ID = 1/2ID
Pulse Test
0
1.0
2.0
3.0
4.0
5.0
–50
0
50
100
150
VDS = 10V
ID = 1mA
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
VGS = 0V
ID = 1mA
0
4
8
12
16
20
0
4
8
12
16
20
VDS = 250V
400V
600V
Tch = 25°C
ID = 2A
10–2
10–1
2
3
5
7
100
2
3
5
7
101
2
3
5
7
10–423 57
23 57
23 57
23 57100 23 57101 23 57102
10–3
10–2
10–1
Single Pulse
0.2
0.1
0.05
0.02
0.01
D = 1.0
0.5
GATE-SOURCE VOLTAGE
VS.GATE CHARGE
(TYPICAL)
GATE CHARGE Qg (nC)
SOURCE-DRAIN DIODE
FORWARD CHARACTERISTICS
(TYPICAL)
SOURCE-DRAIN VOLTAGE VSD (V)
CHANNEL TEMPERATURE Tch (°C)
THRESHOLD VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS
CHANNEL TEMPERATURE Tch (°C)
BREAKDOWN VOLTAGE VS.
CHANNEL TEMPERATURE
(TYPICAL)
PULSE WIDTH tw (s)
ON-STATE RESISTANCE VS.
CHANNEL TEMPERATURE
(TYPICAL)
CHANNEL TEMPERATURE Tch (°C)
0
2
4
6
8
10
0
0.8
1.6
2.4
3.2
4.0
TC = 125°C
75°C
25°C
VGS = 0V
Pulse Test



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com