| 전자부품 데이터시트 검색엔진 |
|
IRMCS2031 데이터시트(PDF) 13 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRMCS2031 데이터시트(HTML) 13 Page - International Rectifier |
|
13 / 21 page ![]() REFERENCE DESIGN IRMCS2031 This document is the property of International Rectifier and may not be copied or distributed without expressed consent. 12 Bit Position 7 6 5 4 3 2 1 0 1=Read/ 0=Write Register Map Starting Address Command/Address Byte Format Bit Position 7 6 5 4 3 2 1 0 1=Error/ 0=OK Register Map Starting Address Command Acknowledgement Byte Format The following example shows a command sequence sent from the host to the IRMCK203 requesting a two-byte register write operation: 0x2F Write operation beginning at offset 0x2F 0x02 Byte count of register data is 2 0x00 Data byte 1 0x04 Data byte 2 0x35 Checksum (sum of preceding bytes, overflow discarded) A good reply from the IRMCK203 would appear as follows: 0x2F Write completed OK at offset 0x2F 0x2F Checksum An error reply to the command would have the following format: 0xAF Write at offset 0x2F completed in error 0xAF Checksum RS-232 Register Read Access A register read operation consists of a command/address byte, byte count and checksum. When the IRMCK203 receives the command, it validates the checksum and transmits the register data to the host. Command / Address Byte Byte Count Checksum Register Read Operation Command Acknowledgement Byte Register Data (Byte Count bytes) Checksum Register Read Acknowledgement (transfer OK) |