전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8595 데이터시트(PDF) 21 Page - NXP Semiconductors

부품명 TDA8595
상세설명  I2C-bus controlled 4 쨈 45 W power amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8595 데이터시트(HTML) 21 Page - NXP Semiconductors

Back Button TDA8595 Datasheet HTML 17Page - NXP Semiconductors TDA8595 Datasheet HTML 18Page - NXP Semiconductors TDA8595 Datasheet HTML 19Page - NXP Semiconductors TDA8595 Datasheet HTML 20Page - NXP Semiconductors TDA8595 Datasheet HTML 21Page - NXP Semiconductors TDA8595 Datasheet HTML 22Page - NXP Semiconductors TDA8595 Datasheet HTML 23Page - NXP Semiconductors TDA8595 Datasheet HTML 24Page - NXP Semiconductors TDA8595 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
TDA8595_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 21 November 2007
21 of 50
NXP Semiconductors
TDA8595
I2C-bus controlled 4
× 45 W power amplifier
8.1 Instruction bytes
I2C-bus mode:
• If R/W bit = 0, the TDA8595 expects three instruction bytes; IB1, IB2 and IB3
• After a power-on reset, all instruction bits are set to zero
Legacy mode:
• All bits equal to zero define the setting, with the exception of bit IB1[D0] which is
ignored (see Table 8).
Fig 17. I2C-bus read and write modes
001aac649
ACK
MSB
− 1
MSB
− 1
MSB
MSB
LSB + 1
LSB
LSB + 1
12
78912
789
12
78912
789
: generated by master (microcontroller)
To stop the transfer, after the last acknowledge (A)
a STOP condition (P) must be generated
To stop the transfer, the last byte must not be acknowledged
and a STOP condition (P) must be generated
: generated by slave
: START
: STOP
: acknowledge
: read / write
S
P
A
R/W
: not acknowledge
NA
SCL
SDA
SCL
SDA
ACK
ACK
MSB
MSB
− 1
MSB
MSB
− 1
LSB + 1
LSB
LSB + 1
ACK
S
A
A
AP
NA
P
ADDRESS
WRITE DATA
READ DATA
W
S
ADDRESS
R
I2C-BUS WRITE
I2C-BUS READ
Table 8.
Instruction byte IB1
Bit
Description
D7
don’t care
D6
channel 3 clip information on DIAG or STB pin
0 = clip information on DIAG pin
1 = clip information on STB pin
D5
channel 1 clip information on DIAG or STB pin
0 = clip information on DIAG pin
1 = clip information on STB pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com