전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAV103 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 BAV103
상세설명  Single general-purpose switching diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV103 데이터시트(HTML) 4 Page - NXP Semiconductors

  BAV103 Datasheet HTML 1Page - NXP Semiconductors BAV103 Datasheet HTML 2Page - NXP Semiconductors BAV103 Datasheet HTML 3Page - NXP Semiconductors BAV103 Datasheet HTML 4Page - NXP Semiconductors BAV103 Datasheet HTML 5Page - NXP Semiconductors BAV103 Datasheet HTML 6Page - NXP Semiconductors BAV103 Datasheet HTML 7Page - NXP Semiconductors BAV103 Datasheet HTML 8Page - NXP Semiconductors BAV103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BAV102_BAV103_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 16 August 2007
4 of 10
NXP Semiconductors
BAV102; BAV103
Single general-purpose switching diodes
(1) Tamb = 150 °C; typical values
(2) Tamb =25 °C; typical values
(3) Tamb =25 °C; maximum values
Based on square wave currents.
Tj =25 °C; prior to surge
Fig 1.
Forward current as a function of forward
voltage
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
VR =VRmax
Solid line: maximum values
Dotted line: typical values
f = 1 MHz; Tamb =25 °C
Fig 3.
Reverse current as a function of junction
temperature
Fig 4.
Diode capacitance as a function of reverse
voltage; typical values
mbg459
012
600
0
200
400
VF (V)
IF
(mA)
(1)
(2)
(3)
mbg703
10
1
102
IFSM
(A)
10−1
tp (µs)
1104
103
10
102
mgd009
0
100
Tj (°C)
200
103
102
10−1
10−2
10
1
IR
(
µA)
mgd005
010
20
1.6
1.4
1.0
0.8
1.2
VR (V)
Cd
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com