전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562VI 데이터시트(PDF) 88 Page - STMicroelectronics

부품명 STM32H562VI
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562VI 데이터시트(HTML) 88 Page - STMicroelectronics

Back Button STM32H562VI Datasheet HTML 84Page - STMicroelectronics STM32H562VI Datasheet HTML 85Page - STMicroelectronics STM32H562VI Datasheet HTML 86Page - STMicroelectronics STM32H562VI Datasheet HTML 87Page - STMicroelectronics STM32H562VI Datasheet HTML 88Page - STMicroelectronics STM32H562VI Datasheet HTML 89Page - STMicroelectronics STM32H562VI Datasheet HTML 90Page - STMicroelectronics STM32H562VI Datasheet HTML 91Page - STMicroelectronics STM32H562VI Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 270 page
background image
M2
52
74
K12
93
R15
34
52
74
L11
93
P13
35
PB13
I/O
FT_c
(6)
TIM1_CH1N, LPTIM3_IN1,
LPTIM2_CH1, I2C2_SMBA,
SPI2_SCK/I2S2_CK,
USART3_CTS/USART3_NSS,
FDCAN2_TX, SDMMC1_D0,
UART5_TX, EVENTOUT
UCPD1_CC1
N1
53
75
J10
94
N15
35
53
75
M13
94
R14
36
PB14
I/O
FT_c
(6)
TIM1_CH2N, TIM12_CH1,
TIM8_CH2N, USART1_TX,
SPI2_MISO/I2S2_SDI,
USART3_RTS/USART3_DE,
UART4_RTS/UART4_DE,
SDMMC2_D0, LPTIM3_ETR,
EVENTOUT
UCPD1_CC2
L1
54
76
H10
95
M14
36
54
76
J10
95
R15
37
PB15
I/O
FT_h
-
RTC_REFIN, TIM1_CH3N,
TIM12_CH2, TIM8_CH3N,
USART1_RX,
SPI2_MOSI/I2S2_SDO,
USART11_CTS/USART11_NSS,
UART4_CTS, SDMMC2_D1,
OCTOSPI1_CLK,
ETH_MII_TXD1/ETH_RMII_TXD1,
DCMI_D2/PSSI_D2, UART5_RX,
EVENTOUT
PVD_IN
-
55
77
J11
96
M15
-
55
77
L12
96
P15
-
PD8
I/O
FT_h
-
USART3_TX,
FMC_D13/FMC_AD13,
EVENTOUT
-
-
-
--
-
G12
-
-
-
---
-
VSS
S
-
-
-
-
-
56
78
H9
97
L13
-
56
78
J9
97
P14
-
PD9
I/O
FT_h
-
USART3_RX, FDCAN2_RX,
FMC_D14/FMC_AD14,
EVENTOUT
-
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com