전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562VI 데이터시트(PDF) 103 Page - STMicroelectronics

부품명 STM32H562VI
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562VI 데이터시트(HTML) 103 Page - STMicroelectronics

Back Button STM32H562VI Datasheet HTML 99Page - STMicroelectronics STM32H562VI Datasheet HTML 100Page - STMicroelectronics STM32H562VI Datasheet HTML 101Page - STMicroelectronics STM32H562VI Datasheet HTML 102Page - STMicroelectronics STM32H562VI Datasheet HTML 103Page - STMicroelectronics STM32H562VI Datasheet HTML 104Page - STMicroelectronics STM32H562VI Datasheet HTML 105Page - STMicroelectronics STM32H562VI Datasheet HTML 106Page - STMicroelectronics STM32H562VI Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 270 page
background image
4.3
Alternate functions
Table 15. Alternate functions AF0 to AF7(1)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SYS
LPTIM1/
TIM1/2/16/17
LPTIM3/
PDM_SAI1/
TIM3/4/5/12/15
I3C1/LPTIM2/3/
LPUART1/
OCTOSPI/TIM1/8
CEC/DCMI/
I2C1/2/3/4/
LPTIM1/2/SPI1/
I2S1/TIM15/
USART1
CEC/I3C1/LPTIM1/
SPI1/I2S1/SPI2/I2S2/
SPI3/I2S3/SPI4/5/6
I2C4/OCTOSPI/
SAI1/SPI3/I2S3/
SPI4/UART4/12/
USART10/
USB_PD
SDMMC1/SPI2/
I2S2/SPI3/I2S3/
SPI6/UART7/8/12
/USART1/2/3/6/
10/11
A
PA0
-
TIM2_CH1
TIM5_CH1
TIM8_ETR
TIM15_BKIN
SPI6_NSS
SPI3_RDY
USART2_CTS/
USART2_NSS
PA1
-
TIM2_CH2
TIM5_CH2
-
TIM15_CH1N
LPTIM1_IN1
OCTOSPI1_DQS
USART2_RTS/
USART2_DE
PA2
-
TIM2_CH3
TIM5_CH3
-
TIM15_CH1
LPTIM1_IN2
-
USART2_TX
PA3
-
TIM2_CH4
TIM5_CH4
OCTOSPI1_CLK
TIM15_CH2
SPI2_NSS/I2S2_WS
SAI1_SD_B
USART2_RX
PA4
-
-
TIM5_ETR
LPTIM2_CH1
-
SPI1_NSS/I2S1_WS
SPI3_NSS/
I2S3_WS
USART2_CK
PA5
-
TIM2_CH1
-
TIM8_CH1N
-
SPI1_SCK/I2S1_CK
-
-
PA6
-
TIM1_BKIN
TIM3_CH1
TIM8_BKIN
-
SPI1_MISO/I2S1_SDI
OCTOSPI1_IO3
USART11_TX
PA7
-
TIM1_CH1N
TIM3_CH2
TIM8_CH1N
-
SPI1_MOSI/I2S1_SDO
-
USART11_RX
PA8
MCO1
TIM1_CH1
-
TIM8_BKIN2
I2C3_SCL
SPI1_RDY
-
USART1_CK
PA9
-
TIM1_CH2
-
LPUART1_TX
I2C3_SMBA
SPI2_SCK/I2S2_CK
-
USART1_TX
PA10
-
TIM1_CH3
-
LPUART1_RX
LPTIM2_IN2
-
UCPD1_FRSTX
USART1_RX
PA11
-
TIM1_CH4
-
LPUART1_CTS
-
SPI2_NSS/I2S2_WS
UART4_RX
USART1_CTS/
USART1_NSS
PA12
-
TIM1_ETR
-
LPUART1_RTS/
LPUART1_DE
-
SPI2_SCK/I2S2_CK
UART4_TX
USART1_RTS/
USART1_DE
PA13
JTMS/SWDIO
-
-
-
-
-
-
-
PA14
JTCK/SWCLK
-
-
-
-
-
-
-
PA15
JTDI
TIM2_CH1
LPTIM3_IN2
-
HDMI_CEC
SPI1_NSS/I2S1_WS
SPI3_NSS/I2S3_
WS
SPI6_NSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com