전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H562ZG 데이터시트(PDF) 91 Page - STMicroelectronics

부품명 STM32H562ZG
상세설명  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562ZG 데이터시트(HTML) 91 Page - STMicroelectronics

Back Button STM32H562ZG Datasheet HTML 87Page - STMicroelectronics STM32H562ZG Datasheet HTML 88Page - STMicroelectronics STM32H562ZG Datasheet HTML 89Page - STMicroelectronics STM32H562ZG Datasheet HTML 90Page - STMicroelectronics STM32H562ZG Datasheet HTML 91Page - STMicroelectronics STM32H562ZG Datasheet HTML 92Page - STMicroelectronics STM32H562ZG Datasheet HTML 93Page - STMicroelectronics STM32H562ZG Datasheet HTML 94Page - STMicroelectronics STM32H562ZG Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 270 page
background image
-
-
93
G13 112 G15
-
-
93
F11
112
H14
-
PG8
I/O
FT_h
-
TIM8_ETR, SPI6_NSS,
USART6_RTS/USART6_DE,
ETH_PPS_OUT, FMC_SDCLK,
EVENTOUT
-
-
-
94
-
113
-
-
-
94
-
113
-
-
VSS
S
-
-
-
-
--
95
-
114
-
-
-
95
-
114
-
-
VDD
S
-
-
-
-
J3
63
96
F10
115 G14
37
63
96
F9
115
H15
40
PC6
I/O
FT_h
-
TIM3_CH1, TIM8_CH1,
I2S2_MCK, SAI1_SCK_A,
USART6_TX, SDMMC1_D0DIR,
FMC_NWAIT, SDMMC2_D6,
OCTOSPI1_IO5, SDMMC1_D6,
DCMI_D0/PSSI_D0, EVENTOUT
-
K4
64
97
F11
116 G13
38
64
97
F10
116 G15
41
PC7
I/O
FT_h
-
TRGIO, TIM3_CH2, TIM8_CH2,
I2S3_MCK, USART6_RX,
SDMMC1_D123DIR, FMC_NE1,
SDMMC2_D7, OCTOSPI1_IO6,
SDMMC1_D7,
DCMI_D1/PSSI_D1, EVENTOUT
-
J5
65
98
E9
117
F14
39
65
98
G12 117 G14
42
PC8
I/O
FT_h
-
TRACED1, TIM3_CH3,
TIM8_CH3, USART6_CK,
UART5_RTS/UART5_DE,
FMC_NE2/FMC_NCE, FMC_INT,
FMC_ALE, SDMMC1_D0,
DCMI_D2/PSSI_D2, EVENTOUT
-
F2
66
99
F12
118
F13
40
66
99
G13 118
F14
43
PC9
I/O
FT_fh
-
MCO2, TIM3_CH4, TIM8_CH4,
I2C3_SDA, AUDIOCLK,
UART5_CTS, OCTOSPI1_IO0,
FMC_CLE, SDMMC1_D1,
DCMI_D3/PSSI_D3, EVENTOUT
UCPD1_DB2
Table 14. STM32H562xx and STM32H563xx pin/ball definition (continued)
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com