전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1329A 데이터시트(PDF) 14 Page - ams AG

부품명 AS1329A
상세설명  Low Voltage, Micropower, DC-DC Step-Up Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1329A 데이터시트(HTML) 14 Page - ams AG

Back Button AS1329A Datasheet HTML 9Page - ams AG AS1329A Datasheet HTML 10Page - ams AG AS1329A Datasheet HTML 11Page - ams AG AS1329A Datasheet HTML 12Page - ams AG AS1329A Datasheet HTML 13Page - ams AG AS1329A Datasheet HTML 14Page - ams AG AS1329A Datasheet HTML 15Page - ams AG AS1329A Datasheet HTML 16Page - ams AG AS1329A Datasheet HTML 17Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.austriamicrosystems.com
Revision 1.01
14 - 17
AS1329
Data Sheet - Pa ckage Drawings and Mark ings
10 Package Drawings and Markings
The device is available in a 6-pin TSOT-23 package.
Figure 22. 6-pin TSOT-23 Package
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M - 1994.
2. Dimensions are in millimeters.
3. Dimension D does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, and gate burrs shall
not exceed 0.15mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or protru-
sion shall not exceed 0.15mm per side. Dimensions D and E1 are determined at datum H.
4. The package top can be smaller than the package bottom. Dimensions D and E1 are determined at the outermost
extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs, and interlead flash, but include any
mistmatches between the top of the package body and the bottom. D and E1 are determined at datum H.
5. Datums A and B are to be determined at datum H.
6
7
3
4
3
4
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17