| 전자부품 데이터시트 검색엔진 |
|
ES6218A 데이터시트(PDF) 7 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES6218A 데이터시트(HTML) 7 Page - ESS Technology,Inc |
|
7 / 10 page ![]() ESS Technology, Inc. SAM0575-021805 7 ES6218A PRODUCT BRIEF ES6218A PIN DESCRIPTION HD8 132 I/O Host data bus line 8. DCI_FDS# I/O DVD input sector start. AUX2[0] I/O Aux2 data I/O. VFD_CLK I VFD clock input. HD9 133 I/O Host data bus line 9. AUX2[1] I/O Aux2 data I/O. HD10 134 I/O Host data bus line 10. AUX2[2] I/O Aux2 data I/O. HD11 135 I/O Host data bus line 11. AUX2[3] I/O Aux2 data I/O. IRQ O IRQ. HD12 136 I/O Host data bus line 12. AUX2[4] I/O Aux2 data I/O. C2PO I C2PO error correction flag from CD-ROM. HD13 137 I/O Host data bus line 13. AUX2[5] I/O Aux2 data I/O. SP I 16550 UART serial port input. HD14 140 I/O Host data bus line 14. AUX2[6] I/O Aux2 data I/O. HD15 141 I/O Host data bus line 15. AUX2[7] I/O Aux2 data I/O. IR I IR remote control input. HWRQ# 142 O Host write request. DCI_REQ# O DVD control interface request. AUX4[1] I/O Aux4 data I/O. HRRQ# 143 O Host read request. AUX4[0] I/O Aux4 data I/O. CAMIN2 I Camera YUV 2. PIXIN2 I CCIR656 input pixel 2. HIRQ 144 I/O Host interrupt request. DCI_ERR# I/O DVD channel data error. AUX4[7] I/O Aux4 data I/O. HRST# 145 OHost reset. AUX3[5] I/O Aux3 data I/O. HIORDY 146 I Host I/O ready. AUX3[3] I/O Aux3 data I/O. Table 1 ES6218A Pin Description (Continued) Name Pin Numbers I/O Definition |