전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPSERIES 데이터시트(PDF) 1 Page - Automatic Timing & Controls, Inc.

부품명 CPSERIES
상세설명  Percentage Timer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATC [Automatic Timing & Controls, Inc.]
홈페이지  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

CPSERIES 데이터시트(HTML) 1 Page - Automatic Timing & Controls, Inc.

  CPSERIES Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
• Precise Fool-proof Operating Mechanism
• Three Time Ranges from Which to Choose
• Eliminates All Engaging Cams and Latches
• Minimal Panel Space Needed
For continuous ON-OFF control of electrical circuits, the CP Series single
circuit repeat cycle timer is a continuous cycling control where the ON
or circuit closure time is dial adjusted for a percentage of the total time
cycle.
APPLICATIONS: Control of pumps, blowers, filters, heating equipment,
industrial ovens, laboratory equipment and wherever ON or OFF control
is desired as a percentage of the primary fixed total time cycle.
Percentage Timer
DIMENSIONS
WIRING
TIME RANGES
15, 30, 60 MIN
TIMING MODE
Continuous ON-OFF
RANGE SETTING
3%-97%, Also 100%
ON and OFF Points
SETTING ACCURACY
Within 2% of Full Scale
REPEAT ACCURACY
Within 1% of Full Scale
OUTPUT
SPST, 20A, 1/2 HP 120 VAC
SPST, 20A, 1 HP 240 VAC
MOTOR VOLTAGES
120 VAC 50/60 Hz., 240 VAC,
50/60 Hz.
(50 Hz. Units Will Be 1/6
Slower Than Listed Speeds.)
TERMINATION
Rear Screw Terminals
MOUNTING
Front Panel
TEMPERATURE RATING 32° to 120°F (0°to 50°C)
WEIGHT
1.4 lbs.
MODEL NUMBER
MODEL
CP
TIME RANGE 15 minutes
15M
30 minutes
30M
60 minutes
60M
VOLTAGE
120 VAC
A
240 VAC
C
MODEL EXAMPLE:
CP-15M-A
SPECIFICATIONS
240 VAC
120 VAC
7R59
Clock Oper. Sw.
E104697
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


유사한 부품 번호 - CPSERIES

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
Capacitive switch
CPS SCHURTER-CPS Datasheet
800Kb / 8P
Capacitive switch
CPS SCHURTER-CPS Datasheet
747Kb / 7P
Capacitive switch
CPS SCHURTER-CPS Datasheet
747Kb / 7P
Capacitive switch
05.01.2022
logo
CUI INC
CPS-105100-110SPM CUI-CPS-105100-110SPM Datasheet
300Kb / 4P
SIREN
01/07/2021
More results

유사한 설명 - CPSERIES

제조업체부품명데이터시트상세설명
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
BELIMO AIRCONTROLS (USA...
G665C-250 BELIMO-G665C-250 Datasheet
948Kb / 4P
Flow characteristic equal percentage
G680C BELIMO-G680C Datasheet
1Mb / 4P
Flow characteristic equal percentage
G680CS BELIMO-G680CS Datasheet
996Kb / 4P
Flow characteristic equal percentage
logo
Festo Corporation.
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
logo
Littelfuse
PTHF4900DK LITTELFUSE-PTHF4900DK Datasheet
461Kb / 2P
Dedicated - Percentage
2016 Rev: 1-A-062216
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com