| 전자부품 데이터시트 검색엔진 |
|
ST6280BQ1 데이터시트(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6280BQ1 데이터시트(HTML) 74 Page - STMicroelectronics |
|
74 / 80 page ![]() 74/80 ST62T80B/E80B GENERAL INFORMATION (Cont’d) 7.2 PACKAGE THERMAL CHARACTERISTIC 7.3 .ORDERING INFORMATION Table 31. OTP/EPROM VERSION ORDERING INFORMATION Symbol Parameter Test Conditions Value Unit Min. Typ. Max. RthJA Thermal Resistance PQFP100 70 °C/W CQFP100W 70 Sales Type Program Memory (Bytes) I/O Temperature Range Package ST62E80BG1 7948 (EPROM) 22 0 to 70°C CQFP100W ST62T80BQ6 7948 (OTP) -40 to 85°CPQFP100 74 |