전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST6280BQ6 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 ST6280BQ6
상세설명  8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6280BQ6 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button ST6280BQ6 Datasheet HTML 34Page - STMicroelectronics ST6280BQ6 Datasheet HTML 35Page - STMicroelectronics ST6280BQ6 Datasheet HTML 36Page - STMicroelectronics ST6280BQ6 Datasheet HTML 37Page - STMicroelectronics ST6280BQ6 Datasheet HTML 38Page - STMicroelectronics ST6280BQ6 Datasheet HTML 39Page - STMicroelectronics ST6280BQ6 Datasheet HTML 40Page - STMicroelectronics ST6280BQ6 Datasheet HTML 41Page - STMicroelectronics ST6280BQ6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
38/80
ST62T80B/E80B
Figure 20. Peripheral Interface Configuration of Serial I/O TImer 1, ARTimer
PA7/Sout
PA6/Sin
PA5/SCL
PA4/TIM1
PB6/ARTIMin
PB7/ARTIMout
VR01661
IN
OUT
TIMER1
TIMIN
PWMOE
ARTimer
TIMOUT
CLOCK
IN
SPI
OUT
DR
DR
DR
MUX
0
1
DR
DR
MUX
1
0
PP/OD
PP/OD
PP/OD
MUX 1
0
DR
OPR
OPR
OPR
VDD
PB1/RXD1
PID
0
MUX
1
PB0/TXD1
VDD
DR
RXD
UART
IARTOE
TXD
PID
DR
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80