전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STLM75DS2F 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STLM75DS2F
상세설명  Digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLM75DS2F 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STLM75DS2F Datasheet HTML 5Page - STMicroelectronics STLM75DS2F Datasheet HTML 6Page - STMicroelectronics STLM75DS2F Datasheet HTML 7Page - STMicroelectronics STLM75DS2F Datasheet HTML 8Page - STMicroelectronics STLM75DS2F Datasheet HTML 9Page - STMicroelectronics STLM75DS2F Datasheet HTML 10Page - STMicroelectronics STLM75DS2F Datasheet HTML 11Page - STMicroelectronics STLM75DS2F Datasheet HTML 12Page - STMicroelectronics STLM75DS2F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
STLM75
Summary description
9/37
1.3
Pin descriptions
See Figure 1 on page 7 and Table 1 on page 8 for a brief overview of the signals connected
to this device.
1.3.1
SDA (open drain)
This is the Serial Data Input/Output pin for the 2-wire serial communication port.
1.3.2
SCL
This is the Serial Clock Input pin for the 2-wire serial communication port.
1.3.3
OS/INT (open drain)
This is the Over-Limit Signal/Interrupt Alert Output pin. It is open drain, so it needs a pull-up
resistor. In Interrupt mode, it outputs a pulse whenever the measured temperature exceeds
the programmed threshold (TOS). It behaves as a thermostat, toggling to indicate whether
the measured temperature is above or below the threshold and hysteresis (THYS).
1.3.4
GND
Ground; it is the reference for the power supply. It must be connected to system ground.
1.3.5
A2, A1, A0
A2, A1, and A0 are selectable address pins for the 3 LSBs of the I2C interface address.
They can be set to VDD or GND to provide 8 unique address selections.
1.3.6
VDD
This is the supply voltage pin, and ranges from +2.7V to +5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37