| 전자부품 데이터시트 검색엔진 |
|
TMP89FS60 데이터시트(PDF) 135 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 데이터시트(HTML) 135 Page - Toshiba Semiconductor |
|
135 / 410 page ![]() Page 121 TMP89FS60 RA005 Note 2: It is recommended to clear the interrupt latch for the applicable serial interface immediately after changing SERSEL. Inter- rupt latches are common to INTRXD and INTSIO and to INTSBI and INTSIO. Therefore, if an interrupt occurs before or after SERSEL is switched, it is difficult to tell which function has caused the interrupt. Note 1: Can be used as a port. (Set the function register (PxFC) to "0".) Table 8-22 Selected Ports and Interrupts SRSEL1 Port Interrupt UART1/SIO1 - P90 P91 P92 - - - IL23 IL22 - 00: TXD1 RXD1 Note 1 - - - INTTXD1 INTRXD1 - 01: TXD1 RXD1 Note 1 - - - INTTXD1 INTRXD1 - 10: SO1 SI1 SCLK1 - - - - INTSIO1 - 11: Reserved SRSEL0 Port Interrupt UART0/SIO0 I2C0/SIO0 P20 P21 P22 P23 P24 P25 IL7 IL6 IL15 00: TXD0 RXD0 Note 1 SDA0 SCL0 Note 1 INTTXD0 INTRXD0 INTSBI0 01: TXD0 RXD0 Note 1 SO0 SI0 SCLK0 INTTXD0 INTRXD0 INTSIO0 10: SO0 SI0 SCLK0 SDA0 SCL0 Note 1 - INTSIO0 INTSBI0 11: Reserved |