| 전자부품 데이터시트 검색엔진 |
|
TMP89FS60 데이터시트(PDF) 136 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP89FS60 데이터시트(HTML) 136 Page - Toshiba Semiconductor |
|
136 / 410 page ![]() Page 122 8. I/O Ports 8.5 Revision History TMP89FS60 RA005 8.5 Revision History Rev Description RA002 "8.3.13 Port PB (PB75 to PB04)" Added detail description about PB port. " Serial interface selection control register" Deleted SRSEL1. Revised SRSEL2 description from "output" to "input/output". "Table 8-2 List of I/O Port Settings" Revised P9FC of P94 and P91 to "Without register". "Table 8-2 List of I/O Port Settings" Revised PBFC and PBOUTCR to "Without register". RA003 "Figure 8-2 Port P0 (P00, P01)", "Figure 8-3 Port P0 (P02, P03)" Added damping resistor (Ro). "Figure 8-4 Port P1" Deleted STOP control from P11 pin input. RA004 Defined symbol of programmable pull-up resistor to RIN3. Defined symbol of reset pull-up resister to RIN2. "8.3.2 Port P1 (P13 to P10)" Deleted description of "or as a sink open drain output" "8.3.6 Port P4 (P47 to P40)" Deleted description of "or as a sink open drain output" RA005 "Figure 8-4 Port P1" Revised reset control signal. |