| 전자부품 데이터시트 검색엔진 |
|
TMPR4937 데이터시트(PDF) 411 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 데이터시트(HTML) 411 Page - Toshiba Semiconductor |
|
411 / 552 page ![]() Chapter 14 AC-link Controller 14-5 14.3.3 Usage Flow This section outlines a process flow when using the AC’97 connected to ACLC. Refer to the subsequent sections for the details of each operation performed in this process flow. The diagrams below describe the audio playback and recording processes. The modem transmission and reception can be done in a similar way. (*) Register settings such as volume can be made during data playback. Figure 14.3.3 Audio Playback Process Flow Start up AC-link Register setting such as Volume (*) Enable ENLINK Check AC’97 status Setup DMA buffer Configure DMAC Start DMA Channel and enable transmit-data DMA Deassert ACRESET* CODECRDY Interrupt Start BITCLK Set CODEC Ready DAC Ready response Set volume, etc. Start transmit-data DMA Start sending data to slot DMAC generates Transfer Completion interrupt (repeatedly) Write to DMA buffer and update DMA descriptor (repeatedly) Stop updating DMA descriptor DMAC channel goes inactive DMA underrun error occurs Stop transmit-data DMA Stop sending data to slot Check completion status Disable transmit-data DMA Dummy write to data register to clear pending DMA request if any Disable ENLINK Assert ACRESET* Stop BITCLK Stop AC-link Start audio playback Stop audio playback System Software ACLC and DMAC AC’97 |