전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4937 데이터시트(PDF) 431 Page - Toshiba Semiconductor

부품명 TMPR4937
상세설명  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 데이터시트(HTML) 431 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 427Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 428Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 429Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 430Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 431Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 432Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 433Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 434Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 435Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 552 page
background image
Chapter 14 AC-link Controller
14-25
14.4.5 ACLC Interrupt Masked Status Register
0xF714
Every bit in this register is configured as follows:
ACINTMSTS = ACINTSTS & ACINTEN
Bit placement is the same as for the ACINTSTS register. The logical OR of all bits in this register is
used as ACLC interrupt request to the interrupt controller.
14.4.6 ACLC Interrupt Enable Register
0xF718
Interrupt request enable (R/W1S). Bit placement is the same as for the ACINTSTS register. Its
initial value is all ‘0’. When a value is written to this register, the bit in the position where “1” was
written is set to “1.”
14.4.7 ACLC Interrupt Disable Register
0xF71C
Interrupt request enable clear (W1C). Bit placement is the same as for the ACINTSTS register.
When a value is written to this register, the ACINTEN register bit in the position where a “1” was
written is cleared to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More