전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4937 데이터시트(PDF) 447 Page - Toshiba Semiconductor

부품명 TMPR4937
상세설명  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 데이터시트(HTML) 447 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 443Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 444Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 445Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 446Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 447Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 448Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 449Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 450Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 451Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 552 page
background image
Chapter 15 Interrupt Controller
15-1
15. Interrupt Controller
15.1 Characteristics
The TX4937 on-chip Interrupt Controller (IRC) receives interrupt requests from the TX4937 on-chip
peripheral circuitry as well as external interrupt requests then generates interrupt requests to the TX49/H3
processor core.
Also, the Interrupt Controller has a 16-bit flag register that generates interrupt requests to either external
devices or to the TX49/H3 core.
The Interrupt Controller has the following characteristics.
•
Supports interrupts from 18 types of on-chip peripheral circuits and a maximum of 6 external
interrupt signal inputs
•
Sets 8 priority interrupt levels for each interrupt input
•
Can select either edge detection or level detection for each external interrupt when in the interrupt
detection mode
•
As a flag register used for interrupt requests, the Interrupt Controller contains a 16-bit
readable/writeable register and can issue interrupt requests to external devices as well as to the
TX49/H3 core (IRC interrupt).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More