전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4937 데이터시트(PDF) 461 Page - Toshiba Semiconductor

부품명 TMPR4937
상세설명  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 데이터시트(HTML) 461 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 457Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 458Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 459Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 460Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 461Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 462Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 463Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 464Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 465Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 552 page
background image
Chapter 15 Interrupt Controller
15-15
Bit
Mnemonic
Field Name
Explanation
Read/Write
19:18
IC25
Interrupt Source
Control 25
Interrupt Source Control 25 (Default: 00, R/W)
These bits specify the active state of ACLCPME interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
17:16
IC24
Interrupt Source
Control 24
Interrupt Source Control 24 (Default: 00, R/W)
These bits specify the active state of ACLC interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
15:14
IC15
Interrupt Source
Control 15
Interrupt Source Control 15 (Default: 00)
These bits specify the active state of PDMAC interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
13:12
IC14
Interrupt Source
Control 14
Interrupt Source Control 14 (Default: 00)
These bits specify the active state of IRC interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
11:10
IC13
Interrupt Source
Control 13
Interrupt Source Control 13 (Default: 00)
These bits specify the active state of DMA0 [3] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
9:8
IC12
Interrupt Source
Control 12
Interrupt Source Control 12 (Default: 00)
These bits specify the active state of DMA0 [2] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
7:6
IC11
Interrupt Source
Control 11
Interrupt Source Control 11 (Default: 00)
These bits specify the active state of DMA0 [1] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
5:4
IC10
Interrupt Source
Control 10
Interrupt Source Control 10 (Default: 00)
These bits specify the active state of DMA0 [0] interrupts.
00: Low level active
01: Disable
10: Disable
11: Disable
R/W
Figure 15.4.3 Interrupt Detection Mode Register 1 (2/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More