| 전자부품 데이터시트 검색엔진 |
|
TMPR4937 데이터시트(PDF) 490 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4937 데이터시트(HTML) 490 Page - Toshiba Semiconductor |
|
490 / 552 page ![]() Chapter 15 Interrupt Controller 15-44 15.4.21 Interrupt Request External Interrupt Mask Register (IRMASKEXT) 0xF524 31 16 Reserved : Type : Default 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT MEXT [15] [14] [13] [12] [11] [10] [9] [8] [7] [6] [5] [4] [3] [2] [1] [0] R/W : Type 0x0000 : Default Bit Mnemonic Field Name Explanation Read/Write 31:16 ⎯ ⎯ Reserved ⎯ 15:0 MEXT [15:0] External Request Mask External Interrupt Mask (Default: 0x0000) These bits specify whether to use the corresponding flag bit as an external interrupt cause. Interrupt causes are masked when this bit is “0.” 0: Mask (reset) 1: Do not mask R/W Figure 15.4.21 Interrupt Request External Interrupt Mask Register |