전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMPR4937 데이터시트(PDF) 316 Page - Toshiba Semiconductor

부품명 TMPR4937
상세설명  64-Bit TX System RISC TX49 Family
PDF  552 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4937 데이터시트(HTML) 316 Page - Toshiba Semiconductor

Back Button TMPR4937 Datasheet HTML 312Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 313Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 314Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 315Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 316Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 317Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 318Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 319Page - Toshiba Semiconductor TMPR4937 Datasheet HTML 320Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 552 page
background image
Chapter 10 PCI Controller
10-58
Bit
Mnemonic
Field Name
Description
Read/Write
4:0
CPAS
Current PCI Bus
Arbiter State
Current PCI Bus Arbiter State (Default: 0x00)
Displays the State Machine that was selected by the FSM bit.
Please refer to Figures 12.5.3 and 12.11.1 for an explanation of
Agent/Grant A - W and Level 2.
When FSM =1:
0x00: Preparation state for transferring bus ownership to PCI Agent A.
0x01: State in which Grant A is provided to PCI Agent A when PCI Bus
ownership is being held elsewhere.
0x02: State in which Grant A is provided to PCI Agent A when PCI Bus
ownership is not being held elsewhere.
0x03: The agent that was provided Grant A exists in this state. If there is
bus ownership, the PCI Bus Arbiter transfers bus ownership to
another agent.
0x04: Preparation state for transferring bus ownership to PCI Agent B.
0x05: State in which Grant B is provided to PCI Agent B when PCI Bus
ownership is being held elsewhere.
0x06: State in which Grant B is provided to PCI Agent B when PCI Bus
ownership is not being held elsewhere.
0x07: The agent that was provided Grant B exists in this state. If there is
bus ownership, the PCI Bus Arbiter transfers bus ownership to
another agent.
0x08: Preparation state for transferring bus ownership to PCI Agent C.
0x09: State in which Grant C is provided to PCI Agent C when PCI Bus
ownership is being held elsewhere.
0x0A: State in which Grant C is provided to PCI Agent C when PCI Bus
ownership is not being held elsewhere.
0x0B: The agent that was provided Grant C exists in this state. If there is
bus ownership, the PCI Bus Arbiter transfers bus ownership to
another agent.
0x0C: Preparation state for transferring bus ownership to PCI Agent D.
0x0D: State in which Grant D is provided to PCI Agent D when PCI Bus
ownership is being held elsewhere.
0x0E: State in which Grant D is provided to PCI Agent D when PCI Bus
ownership is not being held elsewhere.
0x0F: The agent that was provided Grant D exists in this state. If there is
bus ownership, the PCI Bus Arbiter transfers bus ownership to
another agent.
0x10: Preparation state for transferring bus ownership to PCI Agent Level
2.
0x11: State in which Grant Level 2 is provided to PCI Agent Level 2 when
PCI Bus ownership is being held elsewhere.
0x12: State in which Grant Level 2 is provided to PCI Agent Level 2 when
PCI Bus ownership is not being held elsewhere.
0x13: The agent that was provided Grant Level 2 exists in this state. If
there is bus ownership, the PCI Bus Arbiter transfers bus ownership
to another agent.
When FSM=0, the FSM=1 description is replaced as follows: A
→W, B→X,
C
→Y, D→Z, Level 2→N/A.
R
Figure 10.4.28 PCI Bus Arbiter Current State Register (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More