전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX3022F5 데이터시트(PDF) 2 Page - AXElite technology co. ltd

부품명 AX3022F5
상세설명  200KHz, 1.5A PWM Buck DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3022F5 데이터시트(HTML) 2 Page - AXElite technology co. ltd

  AX3022F5 Datasheet HTML 1Page - AXElite technology co. ltd AX3022F5 Datasheet HTML 2Page - AXElite technology co. ltd AX3022F5 Datasheet HTML 3Page - AXElite technology co. ltd AX3022F5 Datasheet HTML 4Page - AXElite technology co. ltd AX3022F5 Datasheet HTML 5Page - AXElite technology co. ltd AX3022F5 Datasheet HTML 6Page - AXElite technology co. ltd AX3022F5 Datasheet HTML 7Page - AXElite technology co. ltd AX3022F5 Datasheet HTML 8Page - AXElite technology co. ltd AX3022F5 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.4 Oct.11, 2011
AX3022
BLOCK DIAGRAM
200KHz
OSC.
START
UP
+
+
+
_
Thermal
Shutdown
CONTROL
+
DRIVER
COMP.
COMP.
Vss
SW
EN
FB
200mV
220mV
COMP.
VCC
Current
limit
+
_
AMP
COMP.
CURRENT
SOURCE
BIAS
0.75V
REFERENCE
2.5V
REGULATOR
PIN ASSIGNMENT
The package of AX3022 is SOT89-5L; the pin assignment is given by:
SOT89-5L
(Top View)
3
2
1
54
SW
VSS
FB
EN
VCC
AX3022
Name
Description
VCC
Operating voltage input
SW
Switching output
FB
Output voltage feedback control
EN
ON/OFF Shutdown
VSS
GND pin
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
F5: SOT89-5L
AX3022 XX X
Packing
Blank : Tube
A : Taping
3
Part number
ID code: internal
WW: 01~26 (A~Z)
27~52 (a~z)
Year: A=2010
1=2011
WX
0 22
Y



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com