전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX5302 데이터시트(PDF) 2 Page - AXElite technology co. ltd

부품명 AX5302
상세설명  PWM Step-up Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX5302 데이터시트(HTML) 2 Page - AXElite technology co. ltd

  AX5302 Datasheet HTML 1Page - AXElite technology co. ltd AX5302 Datasheet HTML 2Page - AXElite technology co. ltd AX5302 Datasheet HTML 3Page - AXElite technology co. ltd AX5302 Datasheet HTML 4Page - AXElite technology co. ltd AX5302 Datasheet HTML 5Page - AXElite technology co. ltd AX5302 Datasheet HTML 6Page - AXElite technology co. ltd AX5302 Datasheet HTML 7Page - AXElite technology co. ltd AX5302 Datasheet HTML 8Page - AXElite technology co. ltd AX5302 Datasheet HTML 9Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.2 Nov.06, 2019
AX5302
BLOCK DIAGRAM
+
-
Oscillator
Buffer
Driver
FB
GND
Vcc
GATE
Phase
Compensation
+
-
PWM
Controller
EN
Thermal
Shutdown
SENSE
0.06V
8uA
SS
VEN
Vref=1.0V
Regulator
PIN ASSIGNMENT
This package of AX5302 is SOP-8L; the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
EN
SS
Vcc
GATE
NC
SENSE
SOP - 8L
FB
GND
Name
Description
EN
Shutdown Control Input.
H:normal operation
L:Shutdown mode
FB
Feedback pin
VCC
VCC supply pin
SENSE Current Limit Sense Voltage
SS
Soft-Start pin
GATE
Gate drive for external N-channel
MOSFET.
GND
Signal ground pin
NC
No connection
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
S: SOP-8L
AX5302 X X
Packing
Blank : Tube
A : Taping
Logo
Y
AX 5
Part number
ID code:internal
WW: 01~52
3 0 2
Y WW X
Year: 18=2018
19=2019
20=2020
21=2021
22=2022
:
45=2045



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com