| 전자부품 데이터시트 검색엔진 |
|
TMP93CS45 데이터시트(PDF) 62 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS45 데이터시트(HTML) 62 Page - Toshiba Semiconductor |
|
62 / 224 page ![]() TMP93CS44/S45 2004-02-10 93CS44-60 (3) P33 (SDA/SO), P34 (SCL/SI) Figure 3.5.7 Port 3 (P33 and P34) (4) P35 (INT0) Port 35 is a general-purpose I/O port, and also used as an INT0 pin for external interrupt request input. Figure 3.5.8 Port 3 (P35) Direction control (on bit basis) Reset P3CR write P3 write P3 read Open-drain possible ODE<ODE34:33> P33 (SDA/SO) P34 (SCL/SI) S Output latch S B Selector A SDA in SCL/SI in S A Selector B Function control (on bit basis) P3FC write SDA/SO out SCL out Direction control (on bit basis) Reset P3CR write P3 read P35 (INT0) P3 write S Output latch INT0 interrupt Level/edge detect S B Selector A IIMC<I0LE> IIMC<I0IE> |