| 전자부품 데이터시트 검색엔진 |
|
UPSD3422EB40U6T 데이터시트(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422EB40U6T 데이터시트(HTML) 51 Page - STMicroelectronics |
|
51 / 293 page ![]() uPSD34xx Debug unit 51/293 up to VCC as described in the section, Section 28.6.8: Debugging the 8032 MCU module on page 257. – The duration of a pulse, generated when the Event pin configured as an output, is one MCU clock cycle. This is an active-low signal, so the first edge when an event occurs is high-to-low. – The clock to the Watchdog Timer, ADC, and I2C interface are not stopped by a breakpoint halt. – The Watchdog Timer should be disabled while debugging with JTAG, else a reset will be generated upon a watchdog time-out. |