전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX3515 데이터시트(PDF) 2 Page - AXElite technology co. ltd

부품명 AX3515
상세설명  Dual High-Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3515 데이터시트(HTML) 2 Page - AXElite technology co. ltd

  AX3515 Datasheet HTML 1Page - AXElite technology co. ltd AX3515 Datasheet HTML 2Page - AXElite technology co. ltd AX3515 Datasheet HTML 3Page - AXElite technology co. ltd AX3515 Datasheet HTML 4Page - AXElite technology co. ltd AX3515 Datasheet HTML 5Page - AXElite technology co. ltd AX3515 Datasheet HTML 6Page - AXElite technology co. ltd AX3515 Datasheet HTML 7Page - AXElite technology co. ltd AX3515 Datasheet HTML 8Page - AXElite technology co. ltd AX3515 Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.3 Oct.31, 2019
AX3515
BLOCK DIAGRAM
FB1
EN1
VIN1
LX1
GND1
Over-Temperature and
Short-Circuit Protection
FB
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic
FB2
EN2
VIN2
LX2
GND2
Over-Temperature and
Short-Circuit Protection
FB
Soft-Star
0.6V
+
-
-
+
Icomp
Isense
AMP
OSC
SLOPE
COMP
PWM
LOGIC
NON-OVERLAP
CONTROL
RESET
SET
Enable Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com