전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UPSD3422EB40T6 데이터시트(PDF) 45 Page - STMicroelectronics

부품명 UPSD3422EB40T6
상세설명  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 데이터시트(HTML) 45 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 41Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 42Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 43Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 44Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 45Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 46Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 47Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 48Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 293 page
background image
uPSD34xx
uPSD34xx instruction set summary
45/293
Table 9.
Boolean variable manipulation instruction set
Note:
1
All mnemonics copyrighted ©Intel Corporation 1980.
Table 10.
Program branching instruction set
Mnemonic(1) and Use
Description
Length/Cycles
CLR
C
Clear carry
1 byte/1 cycle
CLR
bit
Clear direct bit
2 byte/1 cycle
SETB
C
Set carry
1 byte/1 cycle
SETB
bit
Set direct bit
2 byte/1 cycle
CPL
C
Compliment carry
1 byte/1 cycle
CPL
bit
Compliment direct bit
2 byte/1 cycle
ANL
C, bit
AND direct bit to carry
2 byte/2 cycle
ANL
C, /bit
AND compliment of direct bit to carry
2 byte/2 cycle
ORL
C, bit
OR direct bit to carry
2 byte/2 cycle
ORL
C, /bit
OR compliment of direct bit to carry
2 byte/2 cycle
MOV
C, bit
Move direct bit to carry
2 byte/1 cycle
MOV
bit, C
Move carry to direct bit
2 byte/2 cycle
JC
rel
Jump if carry is set
2 byte/2 cycle
JNC
rel
Jump if carry is not set
2 byte/2 cycle
JB
rel
Jump if direct bit is set
3 byte/2 cycle
JNB
rel
Jump if direct bit is not set
3 byte/2 cycle
JBC
bit, rel
Jump if direct bit is set and clear bit
3 byte/2 cycle
Mnemonic(1) and Use
Description
Length/Cycles
Program Branching Instructions
ACALL
addr11
Absolute subroutine call
2 byte/2 cycle
LCALL
addr16
Long subroutine call
3 byte/2 cycle
RET
Return from subroutine
1 byte/2 cycle
RETI
Return from interrupt
1 byte/2 cycle
AJMP
addr11
Absolute jump
2 byte/2 cycle
LJMP
addr16
Long jump
3 byte/2 cycle
SJMP
rel
Short jump (relative addr)
2 byte/2 cycle
JMP
@A+DPTR
Jump indirect relative to the DPTR
1 byte/2 cycle
JZ
rel
Jump if ACC is zero
2 byte/2 cycle
JNZ
rel
Jump if ACC is not zero
2 byte/2 cycle
CJNE
A, direct, rel
Compare direct byte to ACC, jump if not equal
3 byte/2 cycle
CJNE
A, #data, rel
Compare immediate to ACC, jump if not equal
3 byte/2 cycle
CJNE
Rn, #data, rel Compare immediate to register, jump if not equal
3 byte/2 cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More