전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX1008DA 데이터시트(PDF) 5 Page - AXElite technology co. ltd

부품명 AX1008DA
상세설명  5A Low Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX1008DA 데이터시트(HTML) 5 Page - AXElite technology co. ltd

  AX1008DA Datasheet HTML 1Page - AXElite technology co. ltd AX1008DA Datasheet HTML 2Page - AXElite technology co. ltd AX1008DA Datasheet HTML 3Page - AXElite technology co. ltd AX1008DA Datasheet HTML 4Page - AXElite technology co. ltd AX1008DA Datasheet HTML 5Page - AXElite technology co. ltd AX1008DA Datasheet HTML 6Page - AXElite technology co. ltd AX1008DA Datasheet HTML 7Page - AXElite technology co. ltd AX1008DA Datasheet HTML 8Page - AXElite technology co. ltd AX1008DA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5/11
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.7 Sep.19, 2019
AX1008
FUNCTION DESCRIPTIONS
Introduction
The AX1008 adjustable Low Dropout (LDO) regulator is a 3 terminal device that can
easily be programmed with the addition of two external resistors to any voltages within the
range of 1.25V to VIN-1.5V. The AX1008 only needs 1.5V differential between VIN and VOUT to
maintain output regulation. In addition, the output voltage tolerances are also extremely tight
and they include the transient response as part of the specification. For example, Intel VRE
specification calls for a total of +/- 100mV including initial tolerance, load regulation and 0 to
5.0A load step.
The AX1008 is specifically designed to meet the fast current transient needs as well as
providing an accurate initial voltage, reducing the overall system cost with the need for fewer
output capacitors.
Output Voltage Setting
The AX1008 can be programmed to any voltages in the range of 1.25V to VIN-1.5V with
the addition of R1 and R2 external resistors according to the following formula:
VOUT = VREF (1+ R2/R1) +Iadj *R2 , where VREF = 1.25 typically,
Iadj = 50uA typically R1 and R2 as shown at below
AX1008
VIN
VOUT
VREF
Adj
R1
R2
Iadj=50uA
The AX1008 keeps a constant 1.25V between the output pin and the adjust pin. By
placing a resistor R1 across these two pins a constant current flows through R1, adding to
the Iadj current and into the R2 resistor producing a voltage equal to the
(1.25/R1)*R2+Iadj*R2 which will be added to the 1.25V to set the output voltage. This is
summarized in the above equation. Since the minimum load current requirement of the
AX1008 is 10mA, R1 is typically selected to be 121Ω resistor so that it automatically satisfies
the minimum current requirement. Notice that since Iadj is typically in the range of 50uA it
only adds a small error to the output voltage and should only be considered when a very
precise output voltage setting is required. For example, in a typical 3.3V application where
R1=121Ω and R2=200Ω the error due to Iadj is only 0.3% of the nominal set point.
Load Regulation
Since the AX1008 is only a 3 terminal device, it is not possible to provide true remote
sensing of the output voltage at the load. The best load regulation is achieved when the
bottom side of R2 is connected to the load and the top-side of R1 resistor is connected
directly to the case or the VOUT pin of the regulator and not to the load. It is important to note
that for high current applications, this can re-present a significant percentage of the overall
load regulation and one must keep the path from the regulator to the load as short as



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com