전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS205107 데이터시트(PDF) 4 Page - Campbell Scientific United Kingdom

부품명 CS205107
상세설명  10-Hour Fuel Temperature/ Moisture Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CAMPBELL [Campbell Scientific United Kingdom]
홈페이지  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CS205107 데이터시트(HTML) 4 Page - Campbell Scientific United Kingdom

  CS205107 Datasheet HTML 1Page - Campbell Scientific United Kingdom CS205107 Datasheet HTML 2Page - Campbell Scientific United Kingdom CS205107 Datasheet HTML 3Page - Campbell Scientific United Kingdom CS205107 Datasheet HTML 4Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2010, 2017
Campbell Scientific
October 20, 2017
Specifications
CS506 Fuel Moisture Sensor
Operating Range: 0 to 70% moisture content
Fuel Moisture Accuracy:
Range
Worst Case
RMS Error
0 to 10%
±1.25%
±0.74%
10 to 20%
±2%
±0.9%
20 to 30%
±3.4%
±1.94%
30 to 50%
±4.11%
±2.27%
Power Supply: 5 to 18 Vdc
Enable Voltage: off at 0 Vdc (< 1 Vdc);
on at 5 Vdc (> 4 Vdc; maximum 18 Vdc)
Current Consumption
Active: 65 mA
Quiescent: 45 μA
Output Signal: ±0.7 Vdc square wave with an output frequency
of approximately 31 to 58 kHz
View EU Declaration of Conformity documentation at:
www.campbellsci.eu/cs506-l
Dimensions: 10.16 x 6.35 x 1.91 cm (4 x 2.5 x 0.75 in)
26601 10-Hour Fuel Moisture Stick
Material: Ponderosa Pine
View EU Declaration of Conformity documentation
at: www.campbellsci.eu/pn#26601
Diameter: 1.3 cm (0.5 in)
Length: 50.8 cm (20 in)
Weight: 45 g (0.1 lb)
107 Fuel Temperature Sensor
Tolerance: ±0.2°C over 0° to 50°C range
Temperature Measurement Range: -35° to +50°C
Steinhart-Hart Equation Error (CRBasic loggers only): ≤±0.01°C
over measurement range
Polynomial Linearization Error (Edlog loggers only):
107: Typically <±0.5°C over measurement range
108: Typically <±0.5°C over -5° to +90°C range
Time Constant in Air: 30 to 60 s in a wind speed of 5 m s-1
Maximum Cable Length: 305 m (1000 ft)
Length: 10.4 cm (4.1 in)
Diameter: 0.76 cm (0.3 in)
Weight with 10-ft cable: 136 g (5 oz)
CS205 10-Hour Temperature Stick
Material: Ponderosa Pine
Diameter: 1.3 cm (0.5 in)
Length: 11.4 cm (4.5 in)
Weigh of stick only: 9.07 g (0.32 oz)
80 Hathern Road, Shepshed, LE12 9GX UK | +(0)1509 828888 | sales@campbellsci.co.uk | www.campbellsci.eu
UK | AUSTRALIA | BRAZIL | CANADA | CHINA | COSTA RICA | FRANCE | GERMANY | SE ASIA | SOUTH AFRICA | SPAIN | USA



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com