전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AX6613ESA 데이터시트(PDF) 1 Page - AXElite technology co. ltd

부품명 AX6613ESA
상세설명  1A Ultra Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AXELITE [AXElite technology co. ltd]
홈페이지  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX6613ESA 데이터시트(HTML) 1 Page - AXElite technology co. ltd

  AX6613ESA Datasheet HTML 1Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 2Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 3Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 4Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 5Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 6Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 7Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 8Page - AXElite technology co. ltd AX6613ESA Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1/16
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.5 Nov.11, 2019
AX6613
1A Ultra Low Dropout Linear Regulator
GENERAL DESCRIPTION
The AX6613 is a 1A ultra low dropout linear regulator. This product is specifically
designed to provide well supply voltage for front-side-bus termination on motherboards and
NB applications. The IC needs two supply voltages, a control voltage for the circuitry and a
main supply voltage for power conversion, to reduce power dissipation and provide
extremely low dropout. The AX6613 integrates many functions. A Power-On-Reset (POR)
circuit monitors both supply voltages to prevent wrong operations. A thermal shutdown and
current limit functions protect the device against thermal and current over-loads. A POK
indicates the output status with time delay which is set internally. It can control other
converter for power sequence. The AX6613 can be enabled by other power system.
Pulling and holding the EN pin below 0.3V shuts off the output.
The AX6613 is available in SOP-8L-EP, SOT-23-6L and TDFN-8L packages. That
features small size as SOP-8L with an Exposed Pad to reduce the junction-to-case
resistance, being applicable in 2~3W applications.
FEATURES
- Ultra Low Dropout - 0.2V(typical) at 1A Output Current
- Low ESR Output Capacitor (Multi-layer Chip Capacitors (MLCC)) Applicable
- 0.8V Reference Voltage
- Fast Transient Response
- Adjustable Output Voltage by External Resistors
- Power-On-Reset Monitoring on Both VCNTL and VIN Pins
- Internal Soft-Start
- Under-Voltage Protection
- Current-Limit and Thermal Shutdown Protection
- Power-OK Output with a Delay Time
- SOP-8L with Exposed Pad, SOT-23-6L and TDFN-8L Pb-Free Packages.
- RoHS and Halogen free compliance.


유사한 부품 번호 - AX6613ESA

제조업체부품명데이터시트상세설명
logo
AXElite technology co. ...
AX6615 AXELITE-AX6615 Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
AX6615ES AXELITE-AX6615ES Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
AX6615ESA AXELITE-AX6615ESA Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
AX6615J10 AXELITE-AX6615J10 Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
AX6615J10A AXELITE-AX6615J10A Datasheet
573Kb / 14P
3A Ultra Low Dropout Linear Regulator
Rev.1.5 Nov.12 2019
More results

유사한 설명 - AX6613ESA

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
1A Ultra Low-Dropout Linear Regulator
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
1A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
1A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com