전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP450NPBF 데이터시트(PDF) 6 Page - International Rectifier

부품명 IRFP450NPBF
상세설명  HEXFET짰Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP450NPBF 데이터시트(HTML) 6 Page - International Rectifier

  IRFP450NPBF Datasheet HTML 1Page - International Rectifier IRFP450NPBF Datasheet HTML 2Page - International Rectifier IRFP450NPBF Datasheet HTML 3Page - International Rectifier IRFP450NPBF Datasheet HTML 4Page - International Rectifier IRFP450NPBF Datasheet HTML 5Page - International Rectifier IRFP450NPBF Datasheet HTML 6Page - International Rectifier IRFP450NPBF Datasheet HTML 7Page - International Rectifier IRFP450NPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRFP450NPbF
6
www.irf.com
25
50
75
100
125
150
0
50
100
150
200
250
300
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
6.3A
8.9A
14A
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
Ω
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
VGS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V



Html Pages

1 2 3 4 5 6 7 8